データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78684E データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC78684E
部品情報  MP3 Decoder for Compact Disc Players
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78684E データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC78684E Datasheet HTML 2Page - Sanyo Semicon Device LC78684E Datasheet HTML 3Page - Sanyo Semicon Device LC78684E Datasheet HTML 4Page - Sanyo Semicon Device LC78684E Datasheet HTML 5Page - Sanyo Semicon Device LC78684E Datasheet HTML 6Page - Sanyo Semicon Device LC78684E Datasheet HTML 7Page - Sanyo Semicon Device LC78684E Datasheet HTML 8Page - Sanyo Semicon Device LC78684E Datasheet HTML 9Page - Sanyo Semicon Device LC78684E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LC78684E
No.7350-6/21
Electrical Characteristics at Ta
30 to 75 C, VDD1 3.0V to 3.6 V, VDD2 1.62 V to 1.98 V, VSS 0 V,
AVSS 0 V
Ratings
Parameter
Symbol
Pin name
Conditions
min
typ
max
Unit
IDD (1)
DVDD1, DVDD3,
DVDD4, DVDD6, AVDD
VDD1
3.0 to 3.6 V
10.0
20.0
mA
Current drain
IDD (2)
DVDD2, DVDD5
VDD2
1.62 to
1.98 V
4.5
10.0
mA
High-level input current
IIH
MDATA0 to 15,
LRSY, DATAIN,
DATACK, C2FIN,
PW, SBSY, SFSY,
STREQ, STCK,
STDAT, WOK,
CKIN, CE, CL,
CMDIN, RESB
VIN VDD110
A
Low-level input current
IIL
MDATA0 to 15,
LRSY, DATAIN,
DATACK, C2FIN,
PW, SBSY, SFSY,
STREQ, STCK,
STDAT, WOK,
CKIN, CE, CL,
CMDIN, RESB,
TEST1, TES2
VIN 0 V
10
A
VOH (1)
MDATA0 to 15,
STREQ, STCK,
STDAT, MADRS0 to
12, RASB, CASUB,
CASLB, OEB, WEB
SBCK, ADDATA,
ADLRCK, ADBCK,
INTB, FSYNC,
CRCF, CNTOK,
OVF
IOH
2 mA
VDD1 0.6
V
VOH (2)
CKOUT
IOH
4 mA
VDD1 0.6
V
High-level output voltage
VOH (3)
VPDO
IOH
0.2 mA
VDD1 0.6
VOL (1)
MDATA0 to 15
STREQ, STCK,
STDAT, MADRS0 to
12, RASB, CASUB,
CASLB, OEB, WEB
SBCK, ADDATA,
ADLRCK, ADBCK,
INTB, FSYNC,
CRCF, CNTOK,
OVF, CMDOUT
IOL 2 mA
0.4
V
VOL (2)
CKOUT
IOL
4 mA
0.4
V
Low-level output voltage
VOL (3)
VPDO
IOL
0.2 mA
0.4
IOFF (1)
MDATA0 to 15,
STREQ,
STCK, STDAT,
CMDOUT
VOUT
VDD110
A
Output off leakage current
IOFF (2)
MDATA0 to 15,
STREQ, STCK,
STDAT, CMDOUT
VOUT 0 V
10
A


同様の部品番号 - LC78684E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786800E-H ONSEMI-LC786800E-H Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
More results

同様の説明 - LC78684E

メーカー部品番号データシート部品情報
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
   System Controller for Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com