データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD2674 データシート(PDF) 3 Page - Rohm

部品番号 2SD2674
部品情報  General purpose amplification (12V, 1.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SD2674 データシート(HTML) 3 Page - Rohm

  2SD2674 Datasheet HTML 1Page - Rohm 2SD2674 Datasheet HTML 2Page - Rohm 2SD2674 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


同様の部品番号 - 2SD2674

メーカー部品番号データシート部品情報
logo
Rohm
2SD2670 ROHM-2SD2670 Datasheet
89Kb / 3P
   Low frequency amplifier
2SD2670 ROHM-2SD2670 Datasheet
64Kb / 3P
   Low frequency amplifier
2SD2670 ROHM-2SD2670_1 Datasheet
64Kb / 3P
   Low frequency amplifier
2SD2671 ROHM-2SD2671 Datasheet
68Kb / 3P
   Low frequency amplifier
2SD2672 ROHM-2SD2672 Datasheet
38Kb / 2P
   Low frequency amplifier
More results

同様の説明 - 2SD2674

メーカー部品番号データシート部品情報
logo
Rohm
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
   General purpose amplification (-12V, -1.5A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2702 ROHM-2SD2702_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2652 ROHM-2SD2652 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
   General purpose amplification (-12V, -2A)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com