データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTE2414 データシート(PDF) 1 Page - NTE Electronics

部品番号 NTE2414
部品情報  Silicon Complementary Transistors Digital w/2 Built-In Bias 10k Resistors (Surface Mount)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2414 データシート(HTML) 1 Page - NTE Electronics

  NTE2414 Datasheet HTML 1Page - NTE Electronics NTE2414 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2414 (NPN) & NTE2415 (PNP)
Silicon Complementary Transistors
Digital w/2 Built–In Bias 10k Resistors
(Surface Mount)
Features:
D Built–In Bias Resistors
D Small SOT–23 Surface Mount Package
Applications:
D Switching Circuits
D Inverters
D Interface Circuits
D Driver
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Dissipation, PC
200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB = 40V, IE = 0
0.1
µA
ICEO
VCE = 40V, IB = 0
0.5
µA
Emitter Cutoff Current
IEBO
VEB = 5V, IC = 0
170
250
330
µA
DC Current Gain
hFE
VCE = 5V, IC = 10mA
50
Collector–Base Breakdown Voltage
V(BR)CBO IC = 10µA, IE = 0
50
V
Collector–Emitter Breakdown Voltage
V(BR)CBO IC = 100µA, RBE = ∞
50
V
Collector–Emitter Saturation Voltage
VCE(sat) IC = 10mA, IB = 0.5mA
0.1
0.3
V
Current Gain–Bandwidth Product
NTE2414
fT
VCE = 10V, IC = 5mA
250
MHz
NTE2415
200
MHz


同様の部品番号 - NTE2414

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE241 NTE-NTE241 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE2410 NTE-NTE2410 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Driver (Comp to NTE2411)
NTE2411 NTE-NTE2411 Datasheet
22Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Driver (Compl to NTE2410)
NTE2412 NTE-NTE2412 Datasheet
19Kb / 2P
   Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
NTE2413 NTE-NTE2413 Datasheet
20Kb / 2P
   Silicon PNP Transistor General Purpose, High Voltage Amp, (Compl to NTE2412)
More results

同様の説明 - NTE2414

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE2355 NTE-NTE2355 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 10k Bias Resistors
NTE352 NTE-NTE352 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
NTE2418 NTE-NTE2418 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
NTE2369 NTE-NTE2369 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE2359 NTE-NTE2359 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 47k Bias Resistors
NTE2357 NTE-NTE2357 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 22k Bias Resistors
NTE2367 NTE-NTE2367 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
logo
Unisonic Technologies
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com