データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRF89XA データシート(PDF) 70 Page - Microchip Technology

部品番号 MRF89XA
部品情報  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA データシート(HTML) 70 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 66Page - Microchip Technology MRF89XA Datasheet HTML 67Page - Microchip Technology MRF89XA Datasheet HTML 68Page - Microchip Technology MRF89XA Datasheet HTML 69Page - Microchip Technology MRF89XA Datasheet HTML 70Page - Microchip Technology MRF89XA Datasheet HTML 71Page - Microchip Technology MRF89XA Datasheet HTML 72Page - Microchip Technology MRF89XA Datasheet HTML 73Page - Microchip Technology MRF89XA Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 140 page
background image
MRF89XA
DS70000622D-page 70
Preliminary
 2010-2017 Microchip Technology Inc.
3.4.13
DATA OUTPUT
After OOK or FSK demodulation, the baseband signal
is made available to the user on the DATA pin (pin 20),
when Continuous mode is selected. In Buffered and
Packet modes, the data is retrieved from the FIFO
through the SPI.
During Receive mode, the received data is filled into
the Shift register and then transferred onto the FIFO
stack. The FIFO is configured to generate an interrupt
after receiving a defined number of bits.
When the internal FIFO is enabled, the FIFO interrupt,
which is configured through the IRQ0 and IRQ1 pins
(pin 21 and 22), acts as a FIFOFULL interrupt,
indicating that the FIFO has been filled to its
preprogrammed limit. The receiver starts filling the
FIFO with data when it identifies the synchronous
pattern through the synchronous pattern recognition
circuit. It is recommended to set the threshold to at
least half the length of the register (8 bits) to ensure that
the external host microcontroller has time to set up.
The synchronous pattern recognition circuit prevents
the FIFO from being filled up with noise, and therefore
avoids overloading the external host microcontroller.
3.4.14
RECEIVE MODE REGISTERS
The registers associated with Receive mode are:
• GCONREG (Register 2-1)
•DMODREG (Register 2-2)
• FDEVREG (Register 2-3)
• BRSREG (Register 2-4)
• FLTHREG (Register 2-5)
• FIFOCREG (Register 2-6)
•FTXRXIREG (Register 2-14)
• FTPRIREG (Register 2-15)
•RSTHIREG (Register 2-16)
• FILCREG (Register 2-17)
•PFCREG (Register 2-18)
• SYNCREG (Register 2-19)
• RSTSREG (Register 2-21)
• OOKCREG (Register 2-22)
• SYNCV31REG (Register 2-23)
• SYNCV23REG (Register 2-24)
• SYNCV15REG (Register 2-25)
• SYNCV07REG (Register 2-26)
3.5
Control Block Description
3.5.1
SPI INTERFACE
For more information on standard SPI between the
MRF89XA and a microcontroller, refer to Section 2.11,
Serial Peripheral Interface (SPI).
3.5.2
SPI REGISTERS
The registers associated with SPI communication are:
• GCONREG (Register 2-1)
•DMODREG (Register 2-2)
•FDEVREG (Register 2-3)
• BRSREG (Register 2-4)
3.6
FIFO Handling
The hardware description of the FIFO is described in
Section 2.12, FIFO and Shift Register (SR). The
FIFO is handled by selecting the size of the FIFO, FIFO
interrupts, and clearing the FIFO.
3.6.1
SIZE SELECTION
The FIFO width is programmable to 16, 32, 48, or 64
bytes using the FSIZE<1:0> bits (FIFOCREG<7:6>).
3.6.2
INTERRUPT SOURCES AND FLAGS
The MRF89XA generates an interrupt request for the
host microcontroller by pulling the IRQ0 or IRQ1 pins
low or high based on the events and configuration set-
tings of these interrupts. All interrupt sources and flags
are configured through the Interrupt Configuration reg-
isters, based on the occurrence of the following events:
• Interrupt Requests (IRQ0 and IRQ1) during differ-
ent receive standby data modes (such as Contin-
uous, Buffered, and Packet) for the following
event occurrences: SYNC, RSSI, PLREADY,
ARDSMATCH, and FIFOEMPTY.
For example, Write Byte. The WRITEBYTE inter-
rupt source goes high for one bit period each time
a new byte is transferred from the shift register to
the FIFO (that is, each time a new byte is
received).
• Interrupt Requests (IRQ0 and IRQ1) during trans-
mit modes (such as Continuous, Buffered, and
Packet) for the following event occurrences: Data
Clock, FIFOFULL, Transmit Done, Transmit Start
with IRQ0 and IRQ1.
For example, TX Done. The TXDONE interrupt
source goes high when the FIFO is empty and the
Shift register’s last bit has been sent to the modu-
lator (that is, the last bit of the packet has been
sent). One bit period delay is required after the ris-
ing edge of TXDONE to ensure correct RF trans-
mission of the last bit. In practice, this may not
require special care in the MCU software due to
IRQ processing time.


同様の部品番号 - MRF89XA

メーカー部品番号データシート部品情報
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

同様の説明 - MRF89XA

メーカー部品番号データシート部品情報
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com