データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTCC200E4 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 NTCC200E4
部品情報  Leadless NTC Thermistor Die Suitable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCC200E4 データシート(HTML) 1 Page - Vishay Siliconix

  NTCC200E4_17 Datasheet HTML 1Page - Vishay Siliconix NTCC200E4_17 Datasheet HTML 2Page - Vishay Siliconix NTCC200E4_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCC200E4, NTCC300E4
www.vishay.com
Vishay BCcomponents
Revision: 20-Mar-17
1
Document Number: 29153
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Leadless NTC Thermistor Die Suitable for Wire Bonding
FEATURES
• Flat chip contacted top and bottom
(gold: NTCC300E4 series or silver: NTCC200E4
series)
• Green
thermistor
-
does
not
use
RoHS
exemptions
• Wide temperature range from -55 °C to +175 °C
• Highly resistant to thermal shocks
• Ideal for wire bonding (aluminum or gold
depending on metalization type)
• Resistance to leaching
• Delivered on blister tape
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• High temperature sensing, control and compensation.
E.g. IGBT modules (inverters in EV and HEV vehicles)
• IC and semiconductor protecting
• DC/AC power inverters and HIC overheat protecting
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/
MARKING
The thermistors have no marking and have electrode
termination design without orientation.
MOUNTING
The thermistors are primarily intended for wire bonding. The
parameters of the assembly process should be chosen in
accordance with the lead-wire material.
The mounting process should be in compliance with the
following guidelines and recommendations:
Die bonding:
• Gold electrode: silver epoxy gluing.
• Silver electrode: (vacuum) reflow soldering - silver epoxy
gluing - nano silver sintering.
Cleaning:
• Detergent spraying.
• Ultrasonic
or
formic
acid
vapor
cleaning
is
not
recommended.
Wire bonding:
• The gold electrode has been tested for gold wire bonding
with a wire diameter of max. 32 μm.
• The silver electrode has been tested for aluminum wire
bonding with a wire diameter of max. 300 μm.
Encapsulation:
• In order to preserve the characteristics of the bonded die
at long term an encapsulation is mandatory.
• The encapsulation is defined by the user. Silicon and
epoxy
encapsulations
have
been
tested.
For
recommendations on compatible encapsulants contact
Vishay.
Note
(1) In order to define R25-tolerance, replace * in SAP part number by F (± 1 %), G (± 2 %), H (± 3 %), or J (± 5 %)
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
4.7K to 20K
Tolerance on R25-value
± 1; ± 2; ± 3; ± 5
%
B25/85-value
3435 to 3865
K
Tolerance on B25/85-value
± 1
%
Operating temperature range
-55 to +175
°C
Response time (63.2 %)
25 °C to 85 °C still air (for info)
3s
Dissipation factor
 in still air
(for info, non-mounted die)
3mW
Maximum power dissipation
50
mW
Weight
3
mg
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
DESCRIPTION
SAP MATERIAL AND
ORDERING NUMBER (1)
4700
1, 2, 3, 5
3435
1
Bare die with top / bottom silver terminations
NTCC200E4472*T
12 000
1, 2, 3, 5
3740
1
Bare die with top / bottom silver terminations
NTCC200E4123*T
20 000
1, 2, 3, 5
3865
1
Bare die with top / bottom silver terminations
NTCC200E4203*T
4700
1, 2, 3, 5
3435
1
Bare die with top / bottom gold terminations
NTCC300E4472*T
12 000
1, 2, 3, 5
3740
1
Bare die with top / bottom gold terminations
NTCC300E4123*T
20 000
1, 2, 3, 5
3865
1
Bare die with top / bottom gold terminations
NTCC300E4203*T


同様の部品番号 - NTCC200E4_17

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
NTCC200E4 VISHAY-NTCC200E4_18 Datasheet
101Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 20-Jul-2018
More results

同様の説明 - NTCC200E4_17

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
NTCC200E4 VISHAY-NTCC200E4_18 Datasheet
101Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 20-Jul-2018
NTCC200E4 VISHAY-NTCC200E4 Datasheet
93Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 13-Oct-15
NTCC200E4 VISHAY-NTCC200E4_V01 Datasheet
85Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
01-Jan-2022
NTCC201E4 VISHAY-NTCC201E4_V01 Datasheet
93Kb / 3P
   Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 17-Feb-2023
NTCC201E4 VISHAY-NTCC201E4 Datasheet
93Kb / 3P
   Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding
01-Jan-2022
NTCC200E4C90008 VISHAY-NTCC200E4C90008 Datasheet
83Kb / 3P
   Leadless NTC Thermistor Die Intended for Wire Bonding
01-Jan-2022
NTCC100E4 VISHAY-NTCC100E4_V01 Datasheet
81Kb / 2P
   Leadless NTC Thermistor Dies
01-Jan-2022
NTCC100E4 VISHAY-NTCC100E4_17 Datasheet
83Kb / 2P
   Leadless NTC Thermistor Dies
Revision: 24-Mar-17
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com