データシートサーチシステム |
|
BF-U811 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
BF-U811 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page SD-31 BS-A C55xRD SD-32 BS-A C55xRD-B SD-33 BS-A C60xRD SD-34 BS-A C81xRD SD-35 BF-U81xRD SD-36 BS-A C82xRD NOTES: 1.All Dimensions are in millimeters(inches). 2.Tolerance isA0.25mm(.010D). 3.Specifications are subject to change without notice. 4.NP:No Pin. 5.NC:No Connect. 19.90(.783) BS-C81xRD RDP C 4 E 3,5,11,16 NP: 7,8,15. BS-A81xRD 15.24(.600) 3.0(.120)MIN. A LDP 6 1 12 C B 14 D 10 8.40(.331) LDP D E A F G 13 G 2 F 9 RDP B 2.54(.100) E0.50(.020) 11.00(.433) PIN 1. 20.40(.80) + 8B 27.70(1.090) E2.30(.091) A 1 6 LDP NP: 7,8,15. 10 C 14 B 12 F 2 E D 4 G 13 RDP 9 3,5,11,16 20.20(.795) B A2 18 1 A1 16 10 8 D2 E 9 D1 13 CJ 3 5 G1 15 G2 F 4 2 K 17 L 14 M 11 E0.50(.020) 15.24(.600) 3.00(.118)MIN. 8.50(.335) BS-A82xRD 6 N 7 P 12 DP D2 D1 N P E DP C M J F G1 B L K G2 A1 A2 8B 20.32(.800) PIN 1. + 27.70(1.091) E2.2(.087) 2.54x8=20.32(.80) + 10B 0.80(.031) 17.90(.705) 24.90(.980) BS-A60xRD E2.0(.079) 3.00(.118)MIN. 8.40(.315) PIN 1. 0.50(.020) 2.54(.100) BS-C60xRD C 3 A 7 B 6 D 2 F 9 1 E 5,10 F LDP E D RDP G C B A RDP 4 G 8 9.00(.355) 15.00(.600) 20.00(.787) C 3 B 6 A 7 F 9 1 D 2 E G 8 RDP 4 5,10 C 11 4 G 3 H 57 J LDP 19.90(.783) 15.24(.600) E0.50(.020) 3.00(.118)MIN. E2.4(.094) LDP J H C RDP G B 2.54(.100) 27.70(1.091) 20.40(.800) B 16 14 12 13 2 6 10 NC: 1,8. 8.20(.323) 0.90(.035) + PIN 1. RDP NP: 9,15. 11.00(.433) 8B 1.2(.047) BS-C55xRD 8.00(.314) F 2.54(.100) 3.00(.118)MIN. BS-A55xRD A 6 7 42 1 BC E D E0.50(.020) 3,8 5 10 9 DP G 6 7 4 AC B E F 8.00(.315) 12.70(.500) 14.20(.560) 8B PIN 1. + 19.00(.748) E1.5(.063) 8.00(.314) 9 2.54(.100) BS-A55xRD-B 3.00(.118)MIN. 21 10 95 F DE GDP DP 3,8 D C G B A 1 2 64 7 B C E D F E0.50(.020) 3,8 D BS-C55xRD-B 10 5 DP G 7 64 A C B D E F 1 29 10 5 G E F DP 3,8 DP C G B 8.00(.315) 12.50(.492) 10B 15.24(.600) A 14.20(.560) PIN 1. + 1.2(.047) 18.00(.709) E1.7(.067) 15.24(.600) A Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
同様の部品番号 - BF-U811 |
|
同様の説明 - BF-U811 |