データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BW-20N100W データシート(PDF) 2 Page - Mini-Circuits

部品番号 BW-20N100W
部品情報  N-Type Fixed Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BW-20N100W データシート(HTML) 2 Page - Mini-Circuits

  BW-20N100W Datasheet HTML 1Page - Mini-Circuits BW-20N100W Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
Peak Power*
1K Watt
Outline Drawing
Outline Dimensions (
)
19.0
19.5
20.0
20.5
21.0
21.5
22.0
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
BW-20N100W+
ATTENUATION
inch
mm
BW-20N100W+
50Ω
100W
20dB
DC to 6000 MHz
N-Type Fixed Attenuator
REV. OR
M148314
BW-20N100W+
WZ/CP/AM
150304
Coaxial
B
C
D
E
FGwt.
3.46
3.46
6.36
--
1.75
.23
grams
87.88 87.88 161.54
--
44.45
5.84 1100.0
CASE STYLE: GH986
Connectors
Model
N-Male-N-Fem BW-20N100W+
1.0
1.1
1.2
1.3
1.4
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
BW-20N100W+
VSWR
Features
• wideband, DC to 6000 MHz
• excellent VSWR, 1.25:1
• N-Male and N-Female connectors
Applications
• matching
• instrumentation
• test set-ups
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
0.3
19.57
1.03
500.0
19.74
1.08
1000.0
19.88
1.10
1500.0
20.04
1.15
2000.0
20.12
1.22
2500.0
20.13
1.28
3000.0
20.31
1.22
3500.0
20.55
1.03
4000.0
20.52
1.20
5000.0
19.77
1.05
6000.0
19.35
1.17
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
6000
MHz
Attenuation
DC - 6000
18.5
20
21.5
dB
VSWR
DC - 2500
1.15
1.35
:1
2500 - 6000
1.30
1.45
Input Power (Male)1
DC - 6000
100
W
Input Power (Female)
DC - 6000
20
W
1. Derate linearly to 20 Watt at 100°C.
* 5µ second pulse 0.05% duty cycle.
Permanent damage may occur if any of these limits are exceeded.


同様の部品番号 - BW-20N100W

メーカー部品番号データシート部品情報
logo
Mini-Circuits
BW-20N250W++ MINI-BW-20N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
More results

同様の説明 - BW-20N100W

メーカー部品番号データシート部品情報
logo
Mini-Circuits
UNAT-5 MINI-UNAT-5 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-8 MINI-UNAT-8 Datasheet
153Kb / 1P
   N-Type Fixed Attenuator
UNAT-15 MINI-UNAT-15 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-20 MINI-UNAT-20 Datasheet
177Kb / 1P
   N-Type Fixed Attenuator
UNAT-1 MINI-UNAT-1 Datasheet
174Kb / 1P
   N-Type Fixed Attenuator
UNAT-7 MINI-UNAT-7 Datasheet
155Kb / 1P
   N-Type Fixed Attenuator
UNAT-30 MINI-UNAT-30 Datasheet
173Kb / 1P
   N-Type Fixed Attenuator
UNAT-10 MINI-UNAT-10 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-12 MINI-UNAT-12 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
BW-30N100W MINI-BW-30N100W Datasheet
190Kb / 2P
   N-Type Fixed Attenuator
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com