データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MODEL36 データシート(PDF) 3 Page - TT Electronics.

部品番号 MODEL36
部品情報  OPEN TYPE TRIMMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL36 データシート(HTML) 3 Page - TT Electronics.

  MODEL36 Datasheet HTML 1Page - TT Electronics. MODEL36 Datasheet HTML 2Page - TT Electronics. MODEL36 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Open Type Trimmer
Model 36
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
Issue C 04/2017
Page 3
Outline Drawings


同様の部品番号 - MODEL36

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MODEL302 VISHAY-MODEL302 Datasheet
255Kb / 4P
   2 (50.8 mm) Single Turn Wirewound recision Potentiometer
Revision: 28-Jun-07
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
   2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 22-Mar-07
logo
Pomona Electronics
MODEL3269 POMONA-MODEL3269 Datasheet
32Kb / 1P
   Adapter ??BNC Female To Miniature Double Banana Plug
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
   Adapter ??Binding Post To BNC Male
More results

同様の説明 - MODEL36

メーカー部品番号データシート部品情報
logo
TT Electronics.
MODEL37 TTELEC-MODEL37 Datasheet
603Kb / 3P
   OPEN TYPE TRIMMER
MODEL38 TTELEC-MODEL38 Datasheet
636Kb / 3P
   OPEN TYPE TRIMMER
MODEL35 TTELEC-MODEL35 Datasheet
564Kb / 3P
   OPEN TYPE TRIMMER
logo
Panasonic Semiconductor
EVM-3YSX50B13 PANASONIC-EVM-3YSX50B13 Datasheet
149Kb / 3P
   3 mm Square SMT Trimmer Potentiometers (Cermet, Open Frame Type)
logo
Murata Manufacturing Co...
R50E MURATA-R50E Datasheet
1Mb / 55P
   Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Panasonic Semiconductor
EVM-3YSX50B14 PANASONIC-EVM-3YSX50B14 Datasheet
108Kb / 3P
   3 mm Square SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3WSX80B14 PANASONIC-EVM-3WSX80B14 Datasheet
76Kb / 2P
   3 mm Square Low-Profile SMT Trimmer Potentiometers ( Cermet, Open Frame Type)
EVM-2NSX80B53 PANASONIC-EVM-2NSX80B53 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-2NSX80B22 PANASONIC-EVM-2NSX80B22 Datasheet
88Kb / 3P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3WSX80B24 PANASONIC-EVM-3WSX80B24 Datasheet
63Kb / 1P
   3 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com