データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19721D データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19721D
部品情報  Integrated 600V Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19721D データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19721D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19721D Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS19721D
Taiwan Semiconductor
Document Number: DS_P0000278
2
Version: A15
THERMAL PERFORMANCE (Note 3)
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
106.6
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
220
oC/W
RECOMMENDED OPERATING CONDITION (T
A = 25°C unless otherwise specified)
(Note 4)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
33
V
RT Voltage to GND
VRT
-0.3 to 5
V
DRAIN Voltage to GND
VOUT
-0.3 to 620
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +150
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Voltage
Start-up Current
VCC(ST)
VCC= VUVLO(on) -1V
--
45
--
μA
Operating Current
IOPA
With 1nF load on out pin
--
2.1
2.6
mA
UVLO(off)
VUVLO(off)
7
8
9
V
UVLO(on)
VUVLO(on)
16
17.5
19
V
OVP Level on VCC Pin
VOVP
29
31
33
V
Voltage Feedback
Feedback Reference Voltage
VFB
0.196
0.2
0.204
V
Transconductance
GM
--
58
--
μS
Output Sink Current
IO-SINK
--
5.8
--
μA
Output Source Current
IO-SOURCE
--
5.8
--
μA
Current Sensing
CS Limit Voltage
VOCP
--
1.4
--
V
Open Loop Voltage
VOLP
CS Pin Open
--
5
--
V
Leading-Edge Blanking Time
LEBt
--
400
--
ns
Delay to Output
--
100
--
ns
Switching Frequency
Start Frequency
fSTR
3
4.5
6
kHz
Maximum On Time
TON(MAX)
14
--
--
μs
Thermal Section
(Note 5, 6)
Thermal Shutdown
--
150
--
°C
Thermal Shutdown Release
--
120
--
°C


同様の部品番号 - TS19721D

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19721A TSC-TS19721A Datasheet
205Kb / 7P
   Integrated 700V Power MOSFET
More results

同様の説明 - TS19721D

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
logo
Rohm
R6047MNZ ROHM-R6047MNZ Datasheet
2Mb / 14P
   Nch 600V 47A Power MOSFET
R6008MND3 ROHM-R6008MND3 Datasheet
2Mb / 14P
   Nch 600V 8A Power MOSFET
logo
DIYI Electronic Technol...
3N60 DYELEC-3N60 Datasheet
2Mb / 8P
   600V N-Channel Power MOSFET
4N60 DYELEC-4N60 Datasheet
2Mb / 10P
   600V N-Channel Power MOSFET
logo
Rohm
R6007JNX ROHM-R6007JNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6046ANZ1 ROHM-R6046ANZ1 Datasheet
905Kb / 14P
   Nch 600V 46A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
   Nch 600V 15A Power MOSFET
R6020ENZ ROHM-R6020ENZ Datasheet
951Kb / 13P
   Nch 600V 20A Power MOSFET
R6020ENZ1 ROHM-R6020ENZ1 Datasheet
915Kb / 13P
   Nch 600V 20A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com