データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSM4NC60CI データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSM4NC60CI
部品情報  Advanced planar process
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NC60CI データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM4NC60CI Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NC60CI Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NC60CI Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NC60CI Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NC60CI Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NC60CI Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM4NC60CI
Taiwan Semiconductor
3
Version: A1606
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
VGS, Gate to Source Voltage (V)
VDS, Drain to Source Voltage (V)
ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
VGS, Gate to Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125
150
V
GS=10V
I
D=1.3A
0
2
4
6
8
10
0
5
10
15
20
V
DS=480V
I
D=2.5A
0
1
2
3
4
0
2
4
6
8
25℃
-55℃
150℃
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
V
GS=10V
V
GS=9V
V
GS=8V
V
GS=7V
V
GS=6V
V
GS=5V
V
GS=4V
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
V
GS=10V
0
0.5
1
1.5
2
2.5
3
5
6
7
8
9
10
I
D=1.3A


同様の部品番号 - TSM4NC60CI

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM4NC50CP TSC-TSM4NC50CP Datasheet
436Kb / 6P
   100% UIS and Rg tested
More results

同様の説明 - TSM4NC60CI

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM7NC60CF TSC-TSM7NC60CF Datasheet
413Kb / 6P
   Advanced planar process
TSM2N100CP TSC-TSM2N100CP Datasheet
815Kb / 6P
   Advanced planar process
TSM10NC60CF TSC-TSM10NC60CF Datasheet
353Kb / 6P
   Advanced planar process
TSM3N100CP TSC-TSM3N100CP Datasheet
823Kb / 6P
   Advanced planar process
TSM5NC50CF TSC-TSM5NC50CF Datasheet
413Kb / 6P
   Advanced planar process
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com