データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSM089N08LCR データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSM089N08LCR
部品情報  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM089N08LCR データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM089N08LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM089N08LCR
Taiwan Semiconductor
2
Version: A1608
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
80
--
--
V
Gate Threshold Voltage
VGS = VDS, ID = 250µA
VGS(TH)
1
1.9
2.5
V
Gate-Source Leakage Current
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Drain-Source Leakage Current
VGS = 0V, VDS = 80V
IDSS
--
--
1
µA
VGS = 0V, VDS = 80V
TJ = 125°C
--
--
100
Drain-Source On-State Resistance
(Note 3)
VGS = 10V, ID = 12A
RDS(on)
--
6.4
8.9
m
Ω
VGS = 4.5V, ID = 12A
--
8
11
Forward Transconductance
(Note 3)
VDS = 5V, ID = 12A
gfs
--
49
--
S
Dynamic
(Note 4)
Total Gate Charge
VGS = 10V, VDS = 40V,
ID = 12A
Qg
--
90
--
nC
Total Gate Charge
VGS = 4.5V, VDS = 40V,
ID = 12A
Qg
--
45
--
Gate-Source Charge
Qgs
--
16
--
Gate-Drain Charge
Qgd
--
23
--
Input Capacitance
VGS = 0V, VDS = 40V
f = 1.0MHz
Ciss
--
6119
--
pF
Output Capacitance
Coss
--
304
--
Reverse Transfer Capacitance
Crss
--
116
--
Gate Resistance
f = 1.0MHz
Rg
0.5
1.5
3
Ω
Switching
(Note 4)
Turn-On Delay Time
VGS = 10V, VDS = 40V,
ID = 12A, RG = 2Ω
td(on)
--
8
--
ns
Turn-On Rise Time
tr
--
21
--
Turn-Off Delay Time
td(off)
--
45
--
Turn-Off Fall Time
tf
--
24
--
Source-Drain Diode
Forward Voltage
(Note 3)
VGS = 0V, IS = 12A
VSD
--
--
1
V
Reverse Recovery Time
IS = 12A ,
dI/dt = 100A/
μs
trr
--
33
--
ns
Reverse Recovery Charge
Qrr
--
35
--
nC
Notes:
1.
Silicon limited current only.
2.
L = 0.3mH, VGS = 10V, VDD = 30V, RG = 25Ω, IAS = 36A, Starting TJ = 25°C
3.
Pulse test: Pulse Width ≤ 300µs, duty cycle ≤ 2%.
4.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM089N08LCR RLG
PDFN56
2,500pcs / 13
”Reel


同様の部品番号 - TSM089N08LCR

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM080N03E TSC-TSM080N03E Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03EPQ56RLG TSC-TSM080N03EPQ56RLG Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03PQ56 TSC-TSM080N03PQ56 Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM080N03PQ56RLG TSC-TSM080N03PQ56RLG Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM085N03PQ33 TSC-TSM085N03PQ33 Datasheet
468Kb / 5P
   30V N-Channel Power MOSFET
More results

同様の説明 - TSM089N08LCR

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com