データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSM089N08LCR データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSM089N08LCR
部品情報  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM089N08LCR データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM089N08LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM089N08LCR
Taiwan Semiconductor
4
Version: A1608
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area, Junction-to-Case
Source-Drain Diode Forward Current vs. Voltage
Normalized Thermal Transient Impedance, Junction-to-Case
t, Square Wave Pulse Duration (sec)
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
VSD, Body Diode Forward Voltage (V)
VDS, Drain to Source Voltage (V)
0
1000
2000
3000
4000
5000
6000
7000
8000
0
20
40
60
80
CISS
COSS
CRSS
0.8
0.9
1
1.1
1.2
-75
-50
-25
0
25
50
75
100
125
150
I
D=1mA
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
25℃
150℃
-55℃
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
SINGLE PULSE
RӨJC=1.5°C/W
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single
Notes:
Duty = t
1 / t2
T
J = TC + PDM x Z
ӨJC x RӨJC
0.1
1
10
100
1000
0.1
1
10
100
R
DS(ON)
SINGLE PULSE
RӨJC=1.5°C/W
T
C=25°C


同様の部品番号 - TSM089N08LCR

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM080N03E TSC-TSM080N03E Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03EPQ56RLG TSC-TSM080N03EPQ56RLG Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03PQ56 TSC-TSM080N03PQ56 Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM080N03PQ56RLG TSC-TSM080N03PQ56RLG Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM085N03PQ33 TSC-TSM085N03PQ33 Datasheet
468Kb / 5P
   30V N-Channel Power MOSFET
More results

同様の説明 - TSM089N08LCR

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com