データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA16834 データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 TDA16834
部品情報  Off-line SMPS Controller with 600 V Sense CoolMOS on Board
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16834 データシート(HTML) 6 Page - Infineon Technologies AG

Back Button TDA16834 Datasheet HTML 2Page - Infineon Technologies AG TDA16834 Datasheet HTML 3Page - Infineon Technologies AG TDA16834 Datasheet HTML 4Page - Infineon Technologies AG TDA16834 Datasheet HTML 5Page - Infineon Technologies AG TDA16834 Datasheet HTML 6Page - Infineon Technologies AG TDA16834 Datasheet HTML 7Page - Infineon Technologies AG TDA16834 Datasheet HTML 8Page - Infineon Technologies AG TDA16834 Datasheet HTML 9Page - Infineon Technologies AG TDA16834 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TDA 16831-4
Data Sheet
6
1999-12-10
Circuit Description
The TDA 16831-4 is a current mode pulse
width modulator with integrated sense
CoolMOS
transistor.
It
fulfills
the
requirements of minimum external control
circuitry for a flyback application.
Current mode control means that the
current through the MOS transistor is
compared with a reference signal derived
from the output voltage of the flyback
application. The result of that comparison
determines the on time of the MOS
transistor.
To minimize external circuitry the sense
resistor which gives information about
MOS current is integrated. The oscillator
resistor and capacitor which determine the
switching frequency are integrated, too.
Special efforts have
been made to
compensate temperature dependency and
to minimize tolerances of this resistor.
The circuit in detail: (see Figure 3)
Start Up Circuit (uvlo)
Uvlo is monitoring the external supply
voltage
V
CC. When VCC is exceeding the on
threshold
V
CCH = 12 V, the bandgap, the
bias circuit and the soft start circuit are
switched on. When
V
CC is falling below the
off-threshold
V
CCL
= 9 V the circuit is
switched off. During start up the current
consumption is about 30
µA.
Bandgap (bg)
The bandgap generates an internal very
accurate reference voltage of 5.5 V to
supply the internal circuits.
Current Source (bias)
The bias circuit provides the internal
circuits with constant current.
Oscillator (osc)
The oscillator is generating a frequency
twice
the
switching
frequency
f
switch = 100 kHz. Resistor, capacitor and
current
source
which
determine
the
frequency are integrated. The charging
and
discharging
current
of
the
implemented
oscillator
capacitor
is
internally trimmed, in order to achieve a
very
accurate
switching
frequency.
Temperature
coefficient
of
switching
frequency is very low ( see page 19).
Divider Flip Flop (tff)
Tff is a flip flop which divides the oscillator
frequency by one half to create the
switching frequency. The maximum duty
cycle is set to Dmax = 0.5.
Current Sense Amplifier (pwmop)
The positive input of the pwmop is applied
to the internal sense resistor. With the
internal sense resistor (
R
sense) the sensed
current coming from the CoolMOS is
converted into a sense voltage. The sense
voltage is amplified with a gain of 32 dB.
The amplified sense voltage is connected
to
the
negative
input
of
the
pwm
comparator. Each time when the CoolMOS
transistor is switched on, a current spike is
superposed to the true current information.
To eliminate this current spike the sense
voltage is smoothed via an internal resistor
capacitor network with a time constant of
T
d1 = 100 ns. This is the first leading edge
blanking and only a small spike is left. To
reduce this small spike the current sense
amplifier is creating a virtual ramp at the
output. This is done by a second resistor
capacitor network with
T
d2 = 100 ns and an
op-offset of 0.8 V which is seen at the
output of the amplifier. When gate drive is


同様の部品番号 - TDA16834

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

同様の説明 - TDA16834

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com