データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC1312R データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CC1312R
部品情報  SimpleLink High-Performance Sub-1 GHz Wireless MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312R データシート(HTML) 7 Page - Texas Instruments

Back Button CC1312R Datasheet HTML 3Page - Texas Instruments CC1312R Datasheet HTML 4Page - Texas Instruments CC1312R Datasheet HTML 5Page - Texas Instruments CC1312R Datasheet HTML 6Page - Texas Instruments CC1312R Datasheet HTML 7Page - Texas Instruments CC1312R Datasheet HTML 8Page - Texas Instruments CC1312R Datasheet HTML 9Page - Texas Instruments CC1312R Datasheet HTML 10Page - Texas Instruments CC1312R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
CC1312R
www.ti.com
SWRS210 – JANUARY 2018
Submit Documentation Feedback
Product Folder Links: CC1312R
Terminal Configuration and Functions
Copyright © 2018, Texas Instruments Incorporated
(1)
For more details, see technical reference manual listed in Section 8.2.
(2)
Do not supply external circuitry from this pin.
(3)
If internal DC/DC converter is not used, this pin is supplied internally from the main LDO.
4.2
Signal Descriptions – RGZ Package
Table 4-1. Signal Descriptions – RGZ Package
PIN
TYPE
DESCRIPTION
NAME
NO.
DCDC_SW
33
Power
Output from internal DC/DC converter(1)
DCOUPL
23
Power
1.27-V regulated digital-supply (decoupling capacitor)(2)
DIO_1
6
Digital I/O
GPIO, Sensor Controller
DIO_2
7
Digital I/O
GPIO, Sensor Controller
DIO_3
8
Digital I/O
GPIO, Sensor Controller
DIO_4
9
Digital I/O
GPIO, Sensor Controller
DIO_5
10
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_6
11
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_7
12
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_8
14
Digital I/O
GPIO
DIO_9
15
Digital I/O
GPIO
DIO_10
16
Digital I/O
GPIO
DIO_11
17
Digital I/O
GPIO
DIO_12
18
Digital I/O
GPIO
DIO_13
19
Digital I/O
GPIO
DIO_14
20
Digital I/O
GPIO
DIO_15
21
Digital I/O
GPIO
DIO_16
26
Digital I/O
GPIO, JTAG_TDO, high-drive capability
DIO_17
27
Digital I/O
GPIO, JTAG_TDI, high-drive capability
DIO_18
28
Digital I/O
GPIO
DIO_19
29
Digital I/O
GPIO
DIO_20
30
Digital I/O
GPIO
DIO_21
31
Digital I/O
GPIO
DIO_22
32
Digital I/O
GPIO
DIO_23
36
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_24
37
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_25
38
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_26
39
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_27
40
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_28
41
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_29
42
Digital or Analog I/O
GPIO, Sensor Controller, analog
DIO_30
43
Digital or Analog I/O
GPIO, Sensor Controller, analog
EGP
GND
Ground – exposed ground pad
JTAG_TMSC
24
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
25
Digital I/O
JTAG TCKC
RESET_N
35
Digital input
Reset, active low. No internal pullup resistor
RF_P
1
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal from PA during TX
RF_N
2
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
RX_TX
3
RF I/O
Optional bias pin for the RF LNA
VDDR
45
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC/DC
converter(3)(2)


同様の部品番号 - CC1312R

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC1312R TI-CC1312R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1312R TI-CC1312R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1312R TI-CC1312R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1312R TI-CC1312R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC1312R TI-CC1312R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

同様の説明 - CC1312R

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com