データシートサーチシステム |
|
CC1312R データシート(PDF) 1 Page - Texas Instruments |
|
|
CC1312R データシート(HTML) 1 Page - Texas Instruments |
1 / 48 page Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to change without notice. CC1312R SWRS210 – JANUARY 2018 CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU 1 Device Overview 1 1.1 Features 1 • Microcontroller – Powerful Arm® Cortex®-M4F Processor – EEMBC CoreMark® Score: 148 – Clock Speed Up to 48 MHz – 352KB of In-System Programmable Flash – 256KB of ROM for Protocols and Firmware – 8KB of Cache SRAM (Available as General- Purpose RAM) – 80KB of Ultra-Low Leakage SRAM – 2-Pin cJTAG and JTAG Debugging – Supports Over-the-Air Upgrade (OTA) • Ultra-Low Power Sensor Controller With 4KB of SRAM – Sample, Store, and Process Sensor Data – Operation Independent From System CPU – Fast Wake-Up for Low-Power Operation • TI-RTOS, Drivers, Bootloader, and IEEE 802.15.4 MAC in ROM for Optimized Application Size • RoHS-Compliant Package – 7-mm × 7-mm RGZ VQFN48 (30 GPIOs) • Peripherals – Digital Peripherals Can be Routed to Any GPIO – 4× 32-Bit or 8× 16-Bit General-Purpose Timers – 12-Bit ADC, 200 kSamples/s, 8 Channels – 2× Comparators With Internal Reference DAC (1× Continuous Time, 1× Ultra-Low Power) – Programmable Current Source – 2× UART – 2× SSI (SPI, MICROWIRE, TI) – I2C – I2S – Real-Time Clock (RTC) – AES 128- and 256-bit Crypto Accelerator – ECC and RSA Public Key Hardware Accelerator – SHA2 Accelerator (Full Suite Up to SHA-512) – True Random Number Generator (TRNG) – Capacitive Sensing, Up to 8 Channels – Integrated Temperature and Battery Monitor • External System – On-Chip Buck DC/DC Converter • Low Power – Wide Supply Voltage Range: 1.8 V to 3.8 V – Active-Mode RX: 5.7 mA – Active-Mode TX at +10 dBm: 14 mA (868 MHz) – Active-Mode MCU 48 MHz (CoreMark): 2.82 mA (59 μA/MHz) – Sensor Controller 16-Hz Flow Metering: 1.7 µA – Sensor Controller 100-Hz Comp A Reading: 1.5 µA – Sensor Controller, 1-Hz ADC Sampling: 1 µA – Standby: 0.8 µA (RTC on, 80KB RAM and CPU Retention) – Shutdown: 105 nA (Wakeup on External Events) • Radio Section – Flexible High-Performance Sub-1 GHz RF Transceiver – Excellent Receiver Sensitivity: –125 dBm for SimpleLink Long Range, –109 dBm at 50 kbps – Excellent Selectivity: 52 dB at 50 kbps – Programmable Output Power Up to +14 dBm – Suitable for Systems Targeting Compliance With Worldwide Radio Frequency Regulations – ETSI EN 300 220, EN 303 131, EN 303 204 (Europe) – FCC CFR47 Part 15 (US) – ARIB STD-T108 (Japan) – Wide Standard Support • Development Tools and Software – LAUNCHXL-CC1312R1 Development Kit – SimpleLink CC13X2 Software Development Kit – SmartRF™ Software Studio for Simple Radio Configuration – Sensor Controller Studio for Building Low-Power Sensor Applications |
同様の部品番号 - CC1312R |
|
同様の説明 - CC1312R |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |