データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMA10N65H データシート(PDF) 8 Page - Wuxi Unigroup Microelectronics Company

部品番号 TMA10N65H
部品情報  650V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WUMC [Wuxi Unigroup Microelectronics Company]
ホームページ  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TMA10N65H データシート(HTML) 8 Page - Wuxi Unigroup Microelectronics Company

  TMA10N65H Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TMA10N65H Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TMA10N65H, TMP10N65H
www.tsinghuaicwx.com
V3.0
Wuxi Unigroup Microelectronics Company
8
Disclaimer
All product specifications and data are subject to change without notice.
For documents and material available from this datasheet, Wuxi Tongfang does not warrant or
assume any legal liability or responsibility for the accuracy, completeness of any product or
technology disclosed hereunder.
No license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted
by this document or by any conduct of Wuxi Tongfang.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining
applications unless. Customers using or selling Wuxi Tongfang products not expressly indicated for
use in such applications do so entirely at their own risk and agree to fully indemnify Wuxi Tongfang for
any damages arising or resulting from such use or sale.
Wuxi Tongfang disclaims any and all liability arising out of the use or application of any product
described herein or of any information provided herein to the maximum extent permitted by law. The
product specifications do not expand or otherwise modify Wuxi Tongfang’s terms and conditions of
purchase, including but not limited to the warranty expressed therein, which apply to these products.
Wuxi Tongfang Microelectronics CO., LTD. strives to supply high-quality high-reliability products.
However, any and all semiconductor products fail with some probability. It is possible that these
probabilistic failures could give rise to accidents or events that could endanger human lives that could
give rise to smoke or fire, or that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures
include but are not limited to protective circuits and error prevention circuits for safe design, redundant
design, and structural design.
In the event that any or all Wuxi Tongfang products (including technical data, services) described or
contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. Wuxi Tongfang believes information herein is accurate and
reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual
property rights or other rights of third parties.


同様の部品番号 - TMA10N65H

メーカー部品番号データシート部品情報
logo
Wuxi Unigroup Microelec...
TMA10N60H WUMC-TMA10N60H Datasheet
910Kb / 7P
   600V N-Channel MOSFET
More results

同様の説明 - TMA10N65H

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com