データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA50R120C データシート(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

部品番号 TPA50R120C
部品情報  500V Super-Junction Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WUMC [Wuxi Unigroup Microelectronics Company]
ホームページ  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPA50R120C データシート(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPA50R120C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPA50R120C Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPP50R120C, TPA50R120C, TPV50R120C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
FEATURES
 Very low FOM R
DS(on)×Qg
 100% avalanche tested
RoHS compliant
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Device Marking and Package Information
Device
Package
Marking
TPP50R120C
TO-220
50R120C
TPA50R120C
TO-220F
50R120C
TPV50R120C
TO-3P
50R120C
Absolute Maximum Ratings T
C = 25º
C, unless otherwise noted
Parameter
Symbol
Value
Unit
TO-220
TO-3P
TO-220F
Drain-Source Voltage (V
GS = 0V)
V
DSS
500
V
Continuous Drain Current
I
D
20
A
Pulsed Drain Current
(note1)
I
DM
60
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
480
mJ
Avalanche Current
(note1)
I
AR
4
A
Repetitive Avalanche Energy
(note1)
E
AR
0.75
mJ
Power Dissipation (T
C = 25ºC)
P
D
151
34
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
TO-220
TO-3P
TO-220F
Thermal Resistance, Junction-to-Case
R
thJC
0.83
3.7
ºC/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62
80
500V Super-Junction Power MOSFET
1


同様の部品番号 - TPA50R120C

メーカー部品番号データシート部品情報
logo
Wuxi Unigroup Microelec...
TPA50R250C WUMC-TPA50R250C Datasheet
1Mb / 12P
   500V Super-Junction Power MOSFET
TPA50R250C WUMC-TPA50R250C Datasheet
1Mb / 12P
   500V Super-Junction Power MOSFET
TPA50R500C WUMC-TPA50R500C Datasheet
1Mb / 12P
   500V Super-Junction Power MOSFET
More results

同様の説明 - TPA50R120C

メーカー部品番号データシート部品情報
logo
Wuxi Unigroup Microelec...
TPA50R250C WUMC-TPA50R250C Datasheet
1Mb / 12P
   500V Super-Junction Power MOSFET
TPD50R500C WUMC-TPD50R500C Datasheet
1Mb / 12P
   500V Super-Junction Power MOSFET
TPB50R250C WUMC-TPB50R250C Datasheet
1Mb / 12P
   500V Super-Junction Power MOSFET
logo
VBsemi Electronics Co.,...
UF450L-T47-T VBSEMI-UF450L-T47-T Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
VBE15R15S VBSEMI-VBE15R15S Datasheet
847Kb / 10P
   N-Channel 500V (D -S) Super Junction Power MOSFET
STW26NM50 VBSEMI-STW26NM50 Datasheet
966Kb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
IRFP460PBF VBSEMI-IRFP460PBF Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
VBE15R07S VBSEMI-VBE15R07S Datasheet
915Kb / 12P
   N-Channel 500V(D-S) Super Junction Power MOSFET
VBE15R10S VBSEMI-VBE15R10S Datasheet
849Kb / 9P
   N-Channel 500V (D -S) Super Junction Power MOSFET
SPW52N50C3 VBSEMI-SPW52N50C3 Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com