データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA60R150C データシート(PDF) 5 Page - Wuxi Unigroup Microelectronics Company

部品番号 TPA60R150C
部品情報  600V Super-Junction Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WUMC [Wuxi Unigroup Microelectronics Company]
ホームページ  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPA60R150C データシート(HTML) 5 Page - Wuxi Unigroup Microelectronics Company

  TPA60R150C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPP60R150C, TPA60R150C, TPV60R150C, TPC60R150C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
5
Figure A:Gate Charge Test Circuit and Waveform
Figure B:Resistive Switching Test Circuit and Waveform
Figure C:Unclamped Inductive Switching Test Circuit and Waveform


同様の部品番号 - TPA60R150C

メーカー部品番号データシート部品情報
logo
Wuxi Unigroup Microelec...
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R700C WUMC-TPA60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
More results

同様の説明 - TPA60R150C

メーカー部品番号データシート部品情報
logo
Wuxi Unigroup Microelec...
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
logo
Chip Integration Techno...
MJU03N60CT CITC-MJU03N60CT Datasheet
275Kb / 7P
   600V Super Junction Power MOSFET
MJU07N60CT CITC-MJU07N60CT Datasheet
302Kb / 7P
   600V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD60R700C WUMC-TPD60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPW60R075C WUMC-TPW60R075C Datasheet
775Kb / 8P
   600V Super-Junction Power MOSFET
TPD65R350C WUMC-TPD65R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPW60R080CFD WUMC-TPW60R080CFD Datasheet
775Kb / 8P
   600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
   600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJP60R290E PANJIT-PJP60R290E Datasheet
1Mb / 8P
   600V N-Channel Super Junction MOSFET
February 1,2018-REV.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com