データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATWILC1000B-MUT データシート(PDF) 6 Page - ATMEL Corporation

部品番号 ATWILC1000B-MUT
部品情報  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT データシート(HTML) 6 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 2Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 3Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 4Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 5Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 6Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 7Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 8Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 9Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
6
6
Pin #
Pin Name
Pin Type
Description
13
SD_DAT2/SPI_RXD
Digital I/O, Programmable Pull-Up
SDIO Data2/SPI Data RX
14
VDDC
Power
Digital Core Power Supply (see Section 9.1)
15
VDDIO
Power
Digital I/O Power Supply (see Section 9.1)
16
SD_DAT1/SPI_SSN
Digital I/O, Programmable Pull-Up
SDIO Data1/SPI Slave Select
17
SD_DAT0/SPI_TXD
Digital I/O, Programmable Pull-Up
SDIO Data0/SPI Data TX
18
SD_CMD/SPI_SCK
Digital I/O, Programmable Pull-Up
SDIO Command/SPI Clock
19
SD_CLK
Digital I/O, Programmable Pull-Up
SDIO Clock
20
VBATT_BUCK
Power
Battery Supply for DC/DC Converter (see Sec-
tion 9.1)
21
VSW
Power
Switching output of DC/DC Converter (see
Section 9.1)
22
VREG_BUCK
Power
Core Power from DC/DC Converter (see Sec-
tion 9.1)
23
CHIP_EN
Analog
PMU Enable
24
GPIO1/RTC_CLK
Digital I/O, Programmable Pull-Up
GPIO1/32kHz Clock Input
25
TEST_MODE
Digital Input
Test Mode
– Customer Tie to GND
26
VDDIO
Power
Digital I/O Power Supply (see Section 9.1)
27
VDDC
Power
Digital Core Power Supply (see Section 9.1)
28
GPIO3
Digital I/O, Programmable Pull-Up
GPIO3/SPI_SCK_Flash
29
GPIO4
Digital I/O, Programmable Pull-Up
GPIO4/SPI_SSN_Flash
30
GPIO5
Digital I/O, Programmable Pull-Up
GPIO5/SPI_TXD_Flash
31
GPIO6
Digital I/O, Programmable Pull-Up
GPIO6/SPI_RXD_Flash
32
I2C_SCL
Digital I/O, Programmable Pull-Up
I2C Slave Clock (high-drive pad, see Table 4-
3)
33
I2C_SDA
Digital I/O, Programmable Pull-Up
I2C Slave Data (high-drive pad, see Table 4-3)
34
RESETN
Digital Input
Active-Low Hard Reset
35
XO_N
Analog
Crystal Oscillator N
36
XO_P
Analog
Crystal Oscillator P
37
VDD_SXDIG
Power
SX Power Supply (see Section 9.1)
38
VDD_VCO
Power
VCO Power Supply (see Section 9.1)
39
VDDIO_A
Power
Tuner VDDIO Power Supply (see Section 9.1)
40
TPN
Analog
Test Pin/Customer No Connect
41(1)
PADDLE VSS
Power
Connect to System Board Ground
Notes: 1.
Applies to QFN package only.


同様の部品番号 - ATWILC1000B-MUT

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

同様の説明 - ATWILC1000B-MUT

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com