データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATWILC1000B-MUT データシート(PDF) 14 Page - ATMEL Corporation

部品番号 ATWILC1000B-MUT
部品情報  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT データシート(HTML) 14 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 10Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 11Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 12Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 13Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 14Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 15Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 16Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 17Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
1
4
14
5.2
Low-Power Oscillator
ATWILC1000B has an internally-generated 32kHz clock to provide timing information for various sleep
functions. Alternatively, ATWILC1000B allows for an external 32kHz clock to be used for this purpose, which is
provided through Pin 24 (RTC_CLK). Software selects whether the internal clock or external clock is used.
The internal low-power clock is ring-oscillator based and has accuracy within 10,000ppm. When using the
internal low-power clock, the advance wakeup time in beacon monitoring mode has to be increased by about
1% of the sleep time to compensate for the oscillator inaccuracy. For example, for the DTIM interval value of 1,
wakeup time has to be increased by 1ms.
For any application targeting very low power consumption, an external 32kHz RTC clock should be used.


同様の部品番号 - ATWILC1000B-MUT

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

同様の説明 - ATWILC1000B-MUT

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com