データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATZB-S1-256-3-0-C データシート(PDF) 24 Page - ATMEL Corporation

部品番号 ATZB-S1-256-3-0-C
部品情報  ZigBit 2.4GHz Single chip Wireless Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-S1-256-3-0-C データシート(HTML) 24 Page - ATMEL Corporation

Back Button ATZB-S1-256-3-0-C Datasheet HTML 19Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 20Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 21Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 22Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 23Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 24Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 25Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 26Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 27Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ATZB-S1-256-3-0-C ZigBit 2.4GHz Single chip Wireless Module [DATASHEET]
42191B
−WIRELESS−03/2014
20
7.
Agency Certifications
7.1
United States (FCC)
This equipment complies with Part 15 of the FCC rules and regulations. To fulfill FCC Certification requirements, an
OEM manufacturer must comply with the following regulations:
1.
The ATZB-S1-256-3-0-C modular transmitter must be labeled with its own FCC ID number, and, if the FCC ID
is not visible when the module is installed inside another device, then the outside of the device into which the
module is installed must also display a label referring to the enclosed module. This exterior label can use
wording such as the following:
IMPORTANT: Contains FCC ID : VW4A091732. This equipment complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation (FCC
15.19).
The internal antenna used for this mobile transmitter must provide a separation distance of at least 20 cm from all
persons and must not be colocated or operating in conjunction with any other antenna or transmitter.
Installers must be provided with antenna installation instructions and transmitter operating conditions for satisfying RF
exposure compliance. This device is approved as a mobile device with respect to RF exposure compliance, and may
only be marketed to OEM installers. Use in portable exposure conditions (FCC 2.1093) requires separate equipment
authorization.
IMPORTANT: Modifications not expressly approved by this company could void the user's authority to operate this
equipment (FCC section 15.21).
IMPORTANT: This equipment has been tested and found to comply with the limits for a Class A digital device,
pursuant to Part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful
interference when the equipment is operated in a commercial environment. This equipment generates, uses, and
can radiate radio frequency energy and, if not installed and used in accordance with the instruction manual, may
cause harmful interference to radio communications. Operation of this equipment in a residential area is likely to
cause harmful interference in which case the user will be required to correct the interference at his own expense
(FCC section 15.105).
7.2
European Union (ETSI)
The ATZB-S1-256-3-0-C Module has been certified for use in European Union countries. If these modules are
incorporated into a product, the manufacturer must ensure compliance of the final product to the European harmonized
EMC and lowvoltage/safety standards. A Declaration of Conformity must be issued for each of these standards and
kept on file as described in Annex II of the R&TTE Directive.


同様の部品番号 - ATZB-S1-256-3-0-C

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C_14 Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
More results

同様の説明 - ATZB-S1-256-3-0-C

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C_14 Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C Datasheet
534Kb / 20P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com