データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T7031 データシート(PDF) 6 Page - ATMEL Corporation

部品番号 T7031
部品情報  Frequency Range 2.4 GHz to 2.5 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7031 データシート(HTML) 6 Page - ATMEL Corporation

Back Button T7031 Datasheet HTML 2Page - ATMEL Corporation T7031 Datasheet HTML 3Page - ATMEL Corporation T7031 Datasheet HTML 4Page - ATMEL Corporation T7031 Datasheet HTML 5Page - ATMEL Corporation T7031 Datasheet HTML 6Page - ATMEL Corporation T7031 Datasheet HTML 7Page - ATMEL Corporation T7031 Datasheet HTML 8Page - ATMEL Corporation T7031 Datasheet HTML 9Page - ATMEL Corporation T7031 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
T7031 [Preliminary]
4564F–WLAN–07/04
Typical Operating
Characteristics
Figure 3. Typical Gain and Current versus Control Voltage
Frequency = 2450 MHz, P
IN = -40 dBm, VCC = 3.3 V
Figure 4. S-parameter, Magnitude
Power Detector
Test conditions (unless otherwise stated): V
CC = 3.3 V, Frequency = 2.45 GHz, Tamb = 25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
5.0
Detector voltage
range
P
OUT = 2 to 22 dBm
V
DET
02
V
A
5.1
Settling time
t
SET
0.5
µs
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
-20
-15
-10
-5
0
5
10
15
20
25
30
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
V
CTRL (V)
0
70
140
210
280
350
Gain
I
ges
I
3
I
1
I
2


同様の部品番号 - T7031

メーカー部品番号データシート部品情報
logo
DANFOSS POWER SOLUTIONS
T70 DANFOSS-T70 Datasheet
278Kb / 2P
   Remote Control T70 1 HALL Transmitter
February 2022
logo
Powerex Power Semicondu...
T700 POWEREX-T700 Datasheet
722Kb / 4P
   Phase Control SCR (300-350 Amperes 2400 Volts)
T700 POWEREX-T700 Datasheet
722Kb / 4P
   PHASE CONTROL SCR
logo
Amphenol Corporation
T7000 AMPHENOL-T7000 Datasheet
76Kb / 4P
   Identify areas with low or substandard ventilation
logo
Powerex Power Semicondu...
T70002 POWEREX-T70002 Datasheet
241Kb / 6P
   Phase Control SCR (250-350 Amperes 200-2200 Volts)
More results

同様の説明 - T7031

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE15A5011 PASTERNACK-PE15A5011 Datasheet
503Kb / 7P
   0.03 GHz to 2.5 GHz Frequency Range
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
   High Power Switch 2.4 GHz to 2.5 GHz
logo
Skyworks Solutions Inc.
SKY13586-678LF SKYWORKS-SKY13586-678LF Datasheet
426Kb / 8P
   2.4 to 2.5 GHz SP3T Switch
logo
Pasternack Enterprises,...
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
   2 GHz to 18 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
   0.7 GHz to 6 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
   2 GHz to 8 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com