データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U2790B データシート(PDF) 3 Page - ATMEL Corporation

部品番号 U2790B
部品情報  Supply Voltage 5 V (Typically)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2790B データシート(HTML) 3 Page - ATMEL Corporation

  U2790B_02 Datasheet HTML 1Page - ATMEL Corporation U2790B_02 Datasheet HTML 2Page - ATMEL Corporation U2790B_02 Datasheet HTML 3Page - ATMEL Corporation U2790B_02 Datasheet HTML 4Page - ATMEL Corporation U2790B_02 Datasheet HTML 5Page - ATMEL Corporation U2790B_02 Datasheet HTML 6Page - ATMEL Corporation U2790B_02 Datasheet HTML 7Page - ATMEL Corporation U2790B_02 Datasheet HTML 8Page - ATMEL Corporation U2790B_02 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
U2790B
4583A–CELL–01/03
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
V
S
6V
Input voltage
V
i
0 to V
S
V
Junction temperature
T
j
125
°C
Storage temperature range
T
Stg
-40 to +125
°C
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage range
V
S
4.5 to 5.5
V
Ambient temperature range
T
amb
-40 to +85
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient SO16
R
thJA
110
K/W
Electrical Characteristics
Test conditions (unless otherwise specified): V
S = 5 V, Tamb = 25°C, referred to test circuit, system impedance ZO = 50 W,
f
LO = 900 MHz, PLO = -10 dBm, VBBi = 1 Vpp differential.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.1
Supply voltage range
4, 5
V
S
4.5
5.5
V
A
1.2
Supply current
4, 5
I
S
24
30
37
mA
A
2
Baseband Inputs
2.1
Input-voltage range
(differential)
7–8,
9–10
V
BBi
1000
1500
mV
pp
D
2.2
Input impedance
(single ended)
ZBBi
3.2
k
W
D
2.3
Input-frequency
range
(5)
f
BBi
0250
MHz
D
2.4
Internal bias voltage
V
BBb
2.35
2.5
2.65
V
A
2.5
Temperature
coefficient
TC
BB
0.1
<1
mV/
°CD
3
LO Input
3.1
Frequency range
12
f
LOi
50
1000
MHz
D
3.2
Input level
(1)
P
LOi
- 12
- 10
- 5
dBm
D
3.3
Input impedance
Z
iLO
50
W
D
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. The required LO level is a function of the LO frequency.
2. In reference to an RF output level
£ -1 dBm and I/Q input level of 400 mV
pp differential.
3. Sideband suppression is tested without connection at Pins 15 and 16. For higher requirements a potentiometer can be
connected at these pins.
4. For T
amb = -30°C to +85°C and VS = 4.5 to 5.5 V.
5. By low impedance signal source.


同様の部品番号 - U2790B_02

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
More results

同様の説明 - U2790B_02

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
   Supply Voltage 5 V (Typically)
logo
Vishay Siliconix
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
   Resistor LED for 5 V Supply Voltage
Rev. A1, 04-Feb-99
logo
Rohm
2SC5826_REVB ROHM-2SC5826_REVB Datasheet
939Kb / 4P
   High speed switching., Low saturation voltage, typically
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0540Z AVAGO-HFBR-0540Z Datasheet
118Kb / 2P
   Connect 5 V supply voltage to TXVCC and RXVCC
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
logo
Leshan Radio Company
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
   Low Dropout Voltage: 1.3V Typically at 5A
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
logo
Vishay Siliconix
S503TX VISHAY-S503TX Datasheet
149Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 30-Aug-04
S593T VISHAY-S593T Datasheet
156Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S505T VISHAY-S505T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com