データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U2794B データシート(PDF) 13 Page - ATMEL Corporation

部品番号 U2794B
部品情報  Very Low Power Consumption 125 mW
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2794B データシート(HTML) 13 Page - ATMEL Corporation

Back Button U2794B_97 Datasheet HTML 7Page - ATMEL Corporation U2794B_97 Datasheet HTML 8Page - ATMEL Corporation U2794B_97 Datasheet HTML 9Page - ATMEL Corporation U2794B_97 Datasheet HTML 10Page - ATMEL Corporation U2794B_97 Datasheet HTML 11Page - ATMEL Corporation U2794B_97 Datasheet HTML 12Page - ATMEL Corporation U2794B_97 Datasheet HTML 13Page - ATMEL Corporation U2794B_97 Datasheet HTML 14Page - ATMEL Corporation U2794B_97 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
U2794B
4653C–CELL–06/03
Description of the
Evaluation Board
Board material: epoxy;
er = 4.8, thickness = 0.5 mm, transmission lines: Z
O = 50 W
The board offers the following functions:
Test circuit for the U2794B:
The supply voltage and the control inputs GC, PC and PU are connected via
a plug strip. The control input voltages can be generated via external
potentiometers; then the inputs should be AC-grounded (time requirements
in burst mode for power up have to be considered).
The outputs I, IX, Q, QX are DC coupled via an plug strip or can be AC-
connected via SMB plugs for high frequency tests e.g. noise figure or s-
parameter measurement. The Pins II, IIX, QQ, QQX allow user-definable
filtering with 2 external capacitors CII, CQQ.
The offsets of both channels can be adjusted with two potentimeters or
resistors.
The LO- and the RF-inputs are AC-coupled and connected via SMB plugs. If
transmission line T3 is connected to the RF-input and AC-grounded at the
other end, gain and noise performance can be improved (input matching to
50
W).
The complementary RF-input is AC-coupled to GND (CRFX = 1 nF), the
same appears to the complementary LO input (CNLO = 1 nF).
A calibration part which allows to calibrate an s-parameter analyzer directly to the in-
and output- signal ports of the U2794B.
For single-ended measurements at the demodulator outputs, two OPs (e.g., AD620
or other) can be con-figured with programmable gain; together with an output-
divider network RD = 450
W to RL = 50 W, direct measurements with 50 W load
impedances are possible at frequencies t < 100 kHz.


同様の部品番号 - U2794B_97

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
U2794B-AFS TEMIC-U2794B-AFS Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
U2794B-AFSG3 TEMIC-U2794B-AFSG3 Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B-MFS ATMEL-U2794B-MFS Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
U2794B-MFSG3 ATMEL-U2794B-MFSG3 Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
U2794B-NFSG3H ATMEL-U2794B-NFSG3H Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
More results

同様の説明 - U2794B_97

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
logo
Zilog, Inc.
ZLP32300 ZILOG-ZLP32300 Datasheet
1Mb / 99P
   Low power consumption??1 mW
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
Infineon Technologies A...
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
   Very low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
   Very low Current Consumption
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
   Very Low Current Consumption
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
   Very Low Current Consumption
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com