データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U3280M データシート(PDF) 7 Page - ATMEL Corporation

部品番号 U3280M
部品情報  Transponder Interface for Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3280M データシート(HTML) 7 Page - ATMEL Corporation

Back Button U3280M_11 Datasheet HTML 3Page - ATMEL Corporation U3280M_11 Datasheet HTML 4Page - ATMEL Corporation U3280M_11 Datasheet HTML 5Page - ATMEL Corporation U3280M_11 Datasheet HTML 6Page - ATMEL Corporation U3280M_11 Datasheet HTML 7Page - ATMEL Corporation U3280M_11 Datasheet HTML 8Page - ATMEL Corporation U3280M_11 Datasheet HTML 9Page - ATMEL Corporation U3280M_11 Datasheet HTML 10Page - ATMEL Corporation U3280M_11 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Atmel U3280M [DATASHEET]
4688E–RFID–05/13
4.3
Power Supply
The Atmel® U3280M has a power management that handles two power supply sources. Normally, the IC is supplied by a
battery at the VBatt pin. If a magnetic field is applied at the LC-resonant circuit of the device, the field detection circuit switches
automatically from VBatt to field supply.
The VDD pin is used to connect a capacitor to smooth the voltage from the rectifier and to buffer the power while the field is
modulated by gaps and damping. The EEPROM and the connected controller always operate with the voltage at the VDD pin.
Note:
During field supply the maximum energy from the field is used if a high level is applied at the MOD input.
4.3.1
Automatic Power Management
There are different conditions that cause a switch from the battery to field and back from field to the battery.
The power management switches from battery to field if the rectified voltage (Vcoil) from the coil inputs becomes higher than the
field-on-detection voltage (VFDon), even if no battery voltage is available (0 < VBatt < 1.8V). It switches back to battery if the coil
voltage becomes lower than the field-off-detection voltage (VFDoff).
The field detection stage of the power management has low pass characteristics to suppress noise. An applied field needs a
time delay tBFS (battery-to-field switch delay) to change the power supply. If the field is removed from the coil, the power
management will generate a reset that can be connected to the microcontroller.
Figure 4-3. Switch Conditions for Power Management
Note:
The rectified supply voltage from the coil is limited to VDDC (2.9V). During field supply, the battery is switched off
and VDD changes to VDDC.
4.3.2
Controlling Power Management via the Serial Interface
The automatic mode of the power management can be switched off and on by a command from the microcontroller. If the
automatic mode is switched off, the IC is always supplied by the battery up to the next power-on reset or to a switch-on
command. The power management’s on and off command must be transferred via the serial interface.
If the power management is switched off and the device is supplied from the battery, it can communicate via the field without
loading the field. This mode can be used to realize applications with battery supply if the field is too weak to supply the IC with
power.
4.3.3
Buffer Capacitor CB
The buffer capacitor connected at VDD is used to buffer the supply voltage for the microcontroller and the EEPROM during field
supply. It smooths the rectified AC from the coil and buffers the supply voltage during modulation and gaps in the field. The size
of this capacitor depends on the application. It must be of a dimension so that during modulation and gaps the ripple on the
supply voltage is in the range of 100mV to 300mV. During gaps and damping the capacitor is used to supply the device, which
means the size of the capacitor depends on the length of the gaps and damping cycles.
V
Coil > VFDon for t > tBFS
V
Coil < VFDon for t > tBFS
Battery
Supply
(V
Batt)
Field
Supply
Table 4-1.
Example for a 350µA Supply Current, 200mV Ripple at VDD
No Field Supply During
Necessary CB
250µs
470nF
500µs
1000nF


同様の部品番号 - U3280M_11

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U3280M-NFBG3Y ATMEL-U3280M-NFBG3Y Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M-NFBY ATMEL-U3280M-NFBY Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
More results

同様の説明 - U3280M_11

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com