データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTR-C23PA-PMK-301 データシート(PDF) 1 Page - Contrinex AG Industrial Electronics

部品番号 LTR-C23PA-PMK-301
部品情報  PHOTOELECTRIC SENSOR DIFFUSE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONTRINEX [Contrinex AG Industrial Electronics]
ホームページ  https://www.contrinex.com/
Logo CONTRINEX - Contrinex AG Industrial Electronics

LTR-C23PA-PMK-301 データシート(HTML) 1 Page - Contrinex AG Industrial Electronics

  LTR-C23PA-PMK-301 Datasheet HTML 1Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 2Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 3Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 4Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 5Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 6Page - Contrinex AG Industrial Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOTOELECTRIC SENSOR
DIFFUSE
CONTRINEX AG Industrial Electronics
route du Pâqui 5 - P.O. Box - CH 1720 Corminboeuf - Switzerland - Tel: +41 26 460 46 46 -
Fax: +41 26 460 46 40 - Internet: www.contrinex.com - E-mail: info@contrinex.com
1’500 mm
OPTICAL DATA
INTERFACE
Sensing range typ. max.
3...1’500 mm1
Sensitivity adjustment
30...1’500 mm, 3/4-turn pot.
Operating range
5...1’200 mm1
Indicator LED, green
Excess gain
Light source
LED, red 630 nm
Indicator LED, yellow
Sensing state
Light spot size (distance)
Ø 15 mm (500 mm)/Ø 26 mm (1 m)
IO-Link
ü
LTR-C23PA-PM
ü
Miniature housing
ü
Sensitivity adjustment via
potentiometer
ü
IO-Link
ü
Calibrated range
ü
Immunity to mutual
interferences
1
Object with 90% reflectance (standard white paper)
ELECTRICAL DATA
MECHANICAL DATA
Supply voltage range (Ub)
10...30 VDC
Enclosure rating
IP67
Residual ripple
≤ 10% Vpp
Ambient temperature operation
-25...+65°C
Output current
≤ 100 mA
Shock and vibration
IEC 60947-5-2
Signal PNP high/low
≤ (Ub-2.0 V)/approx. 0 V
Weight (connector version)
6 g
Signal NPN high/low
Approx. Ub/≤ 2.0 V
Weight (cable version)
36 g (3-wire)/42 g (4-wire)
Power consumption (no load)
≤ 15 mA
Housing material
ABS
Response time1
≤ 340 ms (normal)/≤ 1 ms/≤ 100 ms
Window material
PMMA
Switching frequency1
≤ 1.5 kHz (normal)/≤ 500 Hz/≤ 5 kHz
Connection cable
PVC, 2 m, 3-wire or 4-wire
Short circuit protection
ü
Connector type
M8 3-pin or 4-pin
Voltage reversal protection
ü
1
By default, “Normal” mode. “Fine” and “Fast” modes selectable via IO-Link.
A: emitter axis B: receiver axis
A: emitter axis B: receiver axis


同様の部品番号 - LTR-C23PA-PMK-301

メーカー部品番号データシート部品情報
logo
Contrinex AG Industrial...
LTR-C23PA-PMK-101 CONTRINEX-LTR-C23PA-PMK-101 Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMK-10A CONTRINEX-LTR-C23PA-PMK-10A Datasheet
498Kb / 6P
   ULTRASONIC SENSORS DIFFUSE
LTR-C23PA-PMK-60C CONTRINEX-LTR-C23PA-PMK-60C Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
More results

同様の説明 - LTR-C23PA-PMK-301

メーカー部品番号データシート部品情報
logo
Contrinex AG Industrial...
LTR-M18PA-PMS-101 CONTRINEX-LTR-M18PA-PMS-101 Datasheet
478Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-NMS-403 CONTRINEX-LTR-C23PA-NMS-403 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMS-301 CONTRINEX-LTR-C23PA-PMS-301 Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMK-60C CONTRINEX-LTR-C23PA-PMK-60C Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-NMK-403 CONTRINEX-LTR-C23PA-NMK-403 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LRR-C23PA-NMK-404 CONTRINEX-LRR-C23PA-NMK-404 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
UST-M30MS-TLS-101 CONTRINEX-UST-M30MS-TLS-101 Datasheet
281Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMK-101 CONTRINEX-LTR-C23PA-PMK-101 Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-M18PA-PMS-603 CONTRINEX-LTR-M18PA-PMS-603 Datasheet
478Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
UST-M30PS-TMS-101 CONTRINEX-UST-M30PS-TMS-101 Datasheet
335Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com