データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

URF1020C データシート(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

部品番号 URF1020C
部品情報  10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

URF1020C データシート(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  URF1020C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. URF1020C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Application
Automotive Inverters and Solar Inverters
Car Audio Amplifiers and Sound Device Systems
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
Case: Full Plastic Isolated Package ITO-220AB
Epoxy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-202 method 208
Polarity: As marked on diode body
Mounting position: Any
Weight: 2.0 gram approximately
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
URF1020C
URF1020A
URF1020D
URF1020S
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
IFSM
A
VF
0.98
1.3
1.7
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
°C/W
TJ,TSTG
°C
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
3.0
Operating Junction and Storage
Temperature Range
-55 to +150
Maximum Reverse Recovery Time (Note1)
35
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current Tc=100°C
(Total Device 2x5.0A=10.0A)
10.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
125
Maximum Instantaneous Forward Voltage
@5.0A
(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25°C
At Rated DC Blocking Voltage @TJ=125°C
5.0
100
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"
Suffix "C"
URF1020C thru URF1060C
Pb Free Plating Product
URF1020C/URF1040C/URF1060C
Pb
10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.08T
ITO-220AB(TO-220F-3L)
Unit:inch(mm)
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
URF1040C
URF1040A
URF1040D
URF1040S
URF1060C
URF1060A
URF1060D
URF1060S


同様の部品番号 - URF1020C

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
URF1020C THINKISEMI-URF1020C Datasheet
287Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
URF1020C THINKISEMI-URF1020C Datasheet
287Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

同様の説明 - URF1020C

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
10F20HF3 THINKISEMI-10F20HF3 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF1020CT THINKISEMI-SDURF1020CT_V01 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
R10U02DF THINKISEMI-R10U02DF Datasheet
275Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
MUR1020FCT THINKISEMI-MUR1020FCT_V01 Datasheet
286Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURF1020CT THINKISEMI-MURF1020CT Datasheet
389Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MUR1080FCT THINKISEMI-MUR1080FCT Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MURF1080CT THINKISEMI-MURF1080CT Datasheet
456Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MUR1020FCT THINKISEMI-MUR1020FCT Datasheet
840Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MURF1020CT-N THINKISEMI-MURF1020CT-N Datasheet
637Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
FR10C03CF THINKISEMI-FR10C03CF Datasheet
283Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com