データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ES6111 データシート(PDF) 6 Page - Motorola, Inc

部品番号 MC100ES6111
部品情報  LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6111 データシート(HTML) 6 Page - Motorola, Inc

Back Button MC100ES6111 Datasheet HTML 2Page - Motorola, Inc MC100ES6111 Datasheet HTML 3Page - Motorola, Inc MC100ES6111 Datasheet HTML 4Page - Motorola, Inc MC100ES6111 Datasheet HTML 5Page - Motorola, Inc MC100ES6111 Datasheet HTML 6Page - Motorola, Inc MC100ES6111 Datasheet HTML 7Page - Motorola, Inc MC100ES6111 Datasheet HTML 8Page - Motorola, Inc MC100ES6111 Datasheet HTML 9Page - Motorola, Inc MC100ES6111 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC100ES6111
MOTOROLA
TIMING SOLUTIONS
6
Table 7. AC Characteristics (ECL: VEE = -3.3V ± 5% or VEE = -2.5V± 5%, VCC = GND) or
(HSTL/PECL: VCC = 3.3V ± 5% or VCC = 2.5V± 5%, VEE = GND, TJ = 0°C to + 110°C) a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock input pair CLKA, CLKA (PECL or ECL differential signals)
VPP
Differential input voltageb (peak-to-peak)
0.15
1.3
V
VCMR
Differential input crosspoint voltagec
PECL
VEE + 1.0
VCC - 0.3
V
fCLK
Input Frequencyd
2.7
GHz
Differential
tPD
Propagation Delay CLKA or CLKB to Q0-9
280
400
530
ps
Differential
Clock input pair CLKB, CLKB (HSTL differential signals)
VDIF
Differential input voltagee (peak-to-peak)e
0.4
1.0
V
VX
Differential input crosspoint voltagef
VEE + 0.68
VEE + 0.9
V
fCLK
Input Frequency
2.7
GHz
Differential
tPD
Propagation Delay CLKB to Q0-9
280
400
530
ps
Differential
ECL clock outputs (Q0-9, Q0-9)
VO(P-P)
Differential output voltage (peak-to-peak)
fO < 300 MHz
fO < 1.5 GHz
fO < 2.7 GHz
0.45
0.3
TBD
0.72
0.55
0.37
0.95
0.95
0.95
V
V
V
tsk(O)
Output-to-output skew
35
ps
Differential
tsk(PP)
Output-to-output skew (part-to-part)
250
ps
Differential
tJIT(CC)
Output cycle-to-cycle jitter
TBD
tsk(P)
Output Pulse skewg
75
ps
tr, tf
Output Rise/Fall Time
0.05
0.3
ns
20% to 80%
a. AC characteristics apply for parallel output termination of 50
Ω to VTT
b. VPP (AC) is the minimum differential ECL/PECL input voltage swing required to maintain AC characteristics including tpd and
device-to-device skew
c. VCMR (AC) is the crosspoint of the differential ECL/PECL input signal. Normal AC operation is obtained when the crosspoint is within the
VCMR (AC) range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device
propagation delay, device and part-to-part skew
d. The MC100ES6111 is fully operational up to 3.0 GHz and is characterized up to 2.7 GHz.
e. VDIF (AC) is the minimum differential HSTL input voltage swing required to maintain AC characteristics including tpd and device-to-device
skew.
f.
VX (AC) is the crosspoint of the differential HSTL input signal. Normal AC operation is obtained when the crosspoint is within the VX (AC)
range and the input swing lies within the V DIF (AC) specification. Violation of VX (AC) or VDIF (AC) impacts the device propagation delay,
device and part-to-part skew
g. Output pulse skew is the absolute difference of the propagation delay times: | tPLH – tPHL |.
Figure 1. MC100ES6111 AC test reference
Differential
Pulse Generator
Z = 50
W
RT = 50Ω
ZO = 50Ω
DUT
MC100ES6111
VTT
RT = 50Ω
ZO = 50Ω
VTT


同様の部品番号 - MC100ES6111

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DT MOTOROLA-MC100ES6130DT Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130DT RENESAS-MC100ES6130DT Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DTR2 MOTOROLA-MC100ES6130DTR2 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
More results

同様の説明 - MC100ES6111

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
8T33FS6111 RENESAS-8T33FS6111 Datasheet
1,014Kb / 29P
   Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com