データシートサーチシステム |
|
TA12-11 データシート(PDF) 1 Page - Kingbright Corporation |
|
TA12-11 データシート(HTML) 1 Page - Kingbright Corporation |
1 / 6 page SPEC NO: CDA0875 REV NO: V.1 DATE: NOV/18/2001 PAGE: 1 OF 6 APPROVED:J.LU CHECKED: DRAWN: S.H.CHEN Notes: 1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted. 2. Specifications are subject to change whitout notice. 30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAYS TA12-11EWA/GWA/YWA/SRWA TC12-11EWA/GWA/YWA/SRWA TBA12-11EGWA TBC12-11EGWA TBA12-12EGWA TBC12-12EGWA TBA12-22EGWA TBC12-22EGWA Description The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. Features ! 1.2 INCH MATRIX HEIGHT. ! DOT SIZE 3mm. ! LOW CURRENT OPERATION. ! HIGH CONTRAST AND LIGHT OUTPUT. ! COMPATIBLE WITH ASCII AND EBCDIC CODES. ! COLUMN CATHODE AND COLUMN ANODE AVAILABLE. ! EASY MOUNTING ON P.C. BOARDS OR SOCKETS. ! CATEGORIZED FOR LUMINOUS INTENSITY, ! YELLOW AND GREEN CATEGORIZED FOR COLOR. ! MECHANICALLY RUGGED. ! STANDARD : GRAY FACE, WHITE DOT. Package Dimensions & Internal Circuit Diagram |
同様の部品番号 - TA12-11 |
|
同様の説明 - TA12-11 |