データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDS7254B データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TDS7254B
部品情報  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TDS7254B データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TDS7254B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7254B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Oscilloscopes
www.tektronix.com/tds7000B
5
Digital Phosphor Oscilloscopes
TDS7000B Series
Pinpoint Trigger System
TDS7054
TDS7104
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Sensitivity
Internal DC Coupled
0.35 div DC
0.35 div DC
0.5 div DC to 50 MHz increasing to 1.5 div at 3 GHz
to 50 MHz
to 50 MHz
TDS7404B/TDS7704B: 2.7 div at 4 GHz (typical)
increasing to
increasing to
1 div at
1 div at
500 MHz
1 GHz
External (Auxiliary Input)
400 mV from DC
250 mV from DC
150 mV from DC to 50 MHz increasing
to 50 MHz
to 50 MHz
to 500 mV at 2.5 GHz
increasing to
increasing to
750 mV at
500 mV at
100 MHz
100 MHz
Main Trigger Modes
Auto, Normal and Single
Trigger Sequences
Main, Delayed by Time, Delayed by Events. All sequences can include separate horizontal delay
after the trigger event to position the acquisition window in time
Trigger Characteristics
Standard Trigger Types
Edge, Glitch, Runt, Width, Transition
Edge, Glitch, Runt, Width, Transition Time, Timeout, Pattern,
Time, Timeout, Pattern, State,
State, Setup/Hold, Window – all except Edge,
Setup/Hold
Pattern and State can be logic qualified by up to two channels
A Event and Delayed B Event
A Event: All above types
A Event and Delayed B Event: All above types
Trigger Types
Delayed B Event: Edge
Reset: Reset if B Event does not occur within specified time, before
specified number of events, or before specified State changes
Communications-related Triggers
Support for AMI, HDB3, BnZS, CMI, MLT3 and NRZ encoded communications signals.
(requires Option SM)
Select among isolated positive or negative one, zero pulse form or eye patterns as applicable to standard
Serial Pattern Trigger
64-Bit serial word recognizer, bits specified in binary
(requires Option ST)
(high, low, don’t care) or hex format.
Trigger on NRZ-encoded data up to 1.25 GBaud
Trigger Level Range
Internal
±12 divisions from center of screen
External (Auxiliary In)
±8 V
±5 V
Line
fixed at 0 V
Trigger Coupling
DC, AC (attenuates <60 Hz), HF Rej (attenuates >30 kHz), LF Rej (attenuates <80 kHz),
Noise Reject (reduces sensitivity)
Trigger Holdoff Range
250 ns minimum to 12 s maximum


同様の部品番号 - TDS7254B

メーカー部品番号データシート部品情報
logo
TEKTRONIX, INC.
TDS700 TEKTRONIX-TDS700 Datasheet
202Kb / 4P
   Differential Preamplifier
TDS7000 TEKTRONIX-TDS7000 Datasheet
202Kb / 4P
   Differential Preamplifier
logo
Vectron International, ...
TDS7HXB37C15 VECTRON-TDS7HXB37C15 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
TDS7HYA17C10 VECTRON-TDS7HYA17C10 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results

同様の説明 - TDS7254B

メーカー部品番号データシート部品情報
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com