データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OVTL01LGAX データシート(PDF) 4 Page - TT Electronics.

部品番号 OVTL01LGAX
部品情報  Lednium Series Optimal I
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAX データシート(HTML) 4 Page - TT Electronics.

  OVTL01LGAX Datasheet HTML 1Page - TT Electronics. OVTL01LGAX Datasheet HTML 2Page - TT Electronics. OVTL01LGAX Datasheet HTML 3Page - TT Electronics. OVTL01LGAX Datasheet HTML 4Page - TT Electronics. OVTL01LGAX Datasheet HTML 5Page - TT Electronics. OVTL01LGAX Datasheet HTML 6Page - TT Electronics. OVTL01LGAX Datasheet HTML 7Page - TT Electronics. OVTL01LGAX Datasheet HTML 8Page - TT Electronics. OVTL01LGAX Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Issue B.8 3/09
Page 4 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
50
60
V3
V4
G1
G2
2.9
3.7
70
3.4
G2V3
G1V3
G1V4
G2V4
G0V3
G0V4
Lednium Series Optimal I
OVTL01LGA Series
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate forward voltage and luminous flux ranks, please contact OPTEK.
Dominant Wavelength 455-465nm
OVTL01LGAA and OVTL01LGAAS (AMBER)
(IF = 350 mA)
Dominant Wavelength 590-600nm
Forward Voltage (VF)
30
35
V1
V2
A2V1
A1V1
A1V2
A2V2
A3V1
A3V2
A1
A2
2.3
2.6
40
1.9
OVTL01LGAB and OVTL01LGABS (BLUE)
(IF = 350 mA)
Forward Voltage (VF)
2.9
10
15
V3
V4
B1
B2
3.4
3.7
20
B2V3
B1V3
B1V4
B2V4
OVTL01LGAG and OVTL01LGAGS (GREEN)
(IF = 350 mA)
Dominant Wavelength 510-520nm
Forward Voltage (VF)
45
A3
OVTL01LGAC and OVTL01LGACS (CYAN)
(IF = 350 mA)
Dominant Wavelength 500-510nm
Forward Voltage (VF)
30
40
V3
V4
T1
T2
2.9
3.7
50
3.4
T2V3
T1V3
T1V4
T2V4
G0
40


同様の部品番号 - OVTL01LGAX

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OVTL01LGAA OPTEK-OVTL01LGAA Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAAS OPTEK-OVTL01LGAAS Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAB OPTEK-OVTL01LGAB Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGABS OPTEK-OVTL01LGABS Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAG OPTEK-OVTL01LGAG Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
More results

同様の説明 - OVTL01LGAX

メーカー部品番号データシート部品情報
logo
TT Electronics.
OVTL09LG3X TTELEC-OVTL09LG3X Datasheet
1Mb / 14P
   Lednium Series Optimal X
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
TT Electronics.
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
   Optimal I Star Series 1-watt LED on MCPCB
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
   Optimal DC/DC Battery Application
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com