データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTL42TG6NJLCH240 データシート(PDF) 10 Page - Lite-On Technology Corporation

部品番号 LTL42TG6NJLCH240
部品情報  Through Hole Lamp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42TG6NJLCH240 データシート(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTL42TG6NJLCH240 Datasheet HTML 2Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 9Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
9/9
Part No. : LTL42TG6NJLCH240
BNS-OD-FC002/A4
Through Hole Lamp
LTL42TG6NJLCH240
9. Reliability Test
Classification
Test Item
Test Condition
Sample Size
Reference Standard
Endurance
Test
Operation Life
Ta
= Under room temperature
IF
= per datasheet maximum drive
current
Test Time= 1000hrs
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1026 (1995)
MIL-STD-883G:1005 (2006)
High Temperature
High Humidity
storage
Ta
= 60°C
RH = 90%
Test Time= 240hrs
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-202G:103B (2002)
JEITA ED-4701:100 103 (2001)
High Temperature
Storage
Ta= 105 ± 5°C
Test Time= 1000hrs
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1031 (1995)
MIL-STD-883G:1008 (2006)
JEITA ED-4701:200 201 (2001)
Low Temperature
Storage
Ta= -55 ± 5°C
Test Time= 1000hrs
22 PCS
(CL=90%;
LTPD=10%)
JEITA ED-4701:200 202 (2001)
Environmental
Test
Temperature
Cycling
100°C ~ 25°C ~ -40°C ~ 25°C
30mins
5mins
30mins
5mins
30 Cycles
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1051 (1995)
MIL-STD-883G:1010 (2006)
JEITA ED-4701:100 105 (2001)
JESD22-A104C (2005)
Thermal
Shock
100 ± 5°C ~ -30°C ± 5°C
15mins
15mins
30 Cycles
(<20 secs transfer)
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1056 (1995)
MIL-STD-883G:1011 (2006)
MIL-STD-202G:107G (2002)
JESD22-A106B (2004)
Solder
Resistance
T.sol = 260 ± 5°C
Dwell Time= 10±1 seconds
3mm from the base of the epoxy bulb
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2031(1995)
JEITA ED-4701: 300 302 (2001)
Solderability
T. sol = 245 ± 5°C
Dwell Time= 5 ± 0.5 seconds
(Lead Free Solder, Coverage ≧95% of
the dipped surface)
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2026 (1995)
MIL-STD-883G:2003 (2006)
MIL-STD-202G:208H (2002)
IPC/EIA J-STD-002 (2004)
Soldering Iron
T. sol = 350 ± 5°C
Dwell Time= 3.5 ± 0.5 seconds
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-202G:208H (2002)
JEITA ED-4701:300 302 (2001)
10. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.


同様の部品番号 - LTL42TG6NJLCH240

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL42TG6NJLCH252 LITEON-LTL42TG6NJLCH252 Datasheet
445Kb / 10P
   Through Hole Lamp
More results

同様の説明 - LTL42TG6NJLCH240

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com