データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTL307JGD-041A データシート(PDF) 3 Page - Lite-On Technology Corporation

部品番号 LTL307JGD-041A
部品情報  Through Hole Lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307JGD-041A データシート(HTML) 3 Page - Lite-On Technology Corporation

  LTL307JGD-041A Datasheet HTML 1Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 2Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 3Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 4Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 5Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 6Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 7Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 8Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION.
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Rating
Unit
Power Dissipation
75
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
60
mA
DC Forward Current
30
mA
Derating Linear From 50°C
0.4
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-40°C to + 80°C
Storage Temperature Range
-55°C to + 100°C
Lead Soldering Temperature
[2 mm(.08") From Body]
260°C for 5 Seconds Max.
Part
No. : LTL307JGD-041A
Page :
2
of
11
BNS-OD-C131/A4


同様の部品番号 - LTL307JGD-041A

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL307JGD-001A LITEON-LTL307JGD-001A Datasheet
437Kb / 11P
   Property of Lite-On Only
LTL307JGD-0G1A LITEON-LTL307JGD-0G1A Datasheet
447Kb / 11P
   Property of Lite-On Only
More results

同様の説明 - LTL307JGD-041A

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com