データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3C2449-100CM データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE3C2449-100CM
部品情報  SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2449-100CM データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2449-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: TNC Female Bulkhead
• Cable Type: PE-P142LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.40:1 to 18 GHz
• Minimum Bend Radius of 1 inch
• Operating Temperature range of -55 to +125°C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
.
Description
The PE3C2449 series high performance test cable’s 0.195 inch diameter and 83% phase velocity offer very low loss perfor-
mance up to 18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test
environments where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all
rated to 18 GHz. A heavy duty boot provides improved strain relief and adds to the durability of the cable assemblies. These
cable assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95
dB. All PE3C2449 cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom lengths
are built to order and shipped same day
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Return Loss
15.56
dB
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax,
RoHS PE3C2449-100CM
PE3C2449-100CM REV 1.0
SMA Male to TNC Female Bulkhead Low Loss Cable
100 cm Length Using PE-P142LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C2449-100CM


同様の部品番号 - PE3C2449-100CM

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C2449-12 PASTERNACK-PE3C2449-12 Datasheet
417Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

同様の説明 - PE3C2449-100CM

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C3205-100CM PASTERNACK-PE3C3205-100CM Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2180-100CM PASTERNACK-PE3C2180-100CM Datasheet
419Kb / 5P
   TNC Female Bulkhead to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-200CM PASTERNACK-PE3C2449-200CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-50CM PASTERNACK-PE3C2449-50CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 50 cm Length Using PE-P142LL Coax, RoHS
PE348-100CM PASTERNACK-PE348-100CM Datasheet
366Kb / 4P
   TNC Male to TNC Female Bulkhead Low Loss Test Cable 100 CM Length Using PE-P142LL Coax, RoHS
PE3C0847-100CM PASTERNACK-PE3C0847-100CM Datasheet
400Kb / 5P
   SMA Male to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1110-100CM PASTERNACK-PE3C1110-100CM Datasheet
485Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-100CM PASTERNACK-PE3C1173-100CM Datasheet
470Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2276-100CM PASTERNACK-PE3C2276-100CM Datasheet
418Kb / 5P
   N Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com