データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46127 データシート(PDF) 42 Page - Dialog Semiconductor

部品番号 SLG46127
部品情報  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 データシート(HTML) 42 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 38Page - Dialog Semiconductor SLG46127 Datasheet HTML 39Page - Dialog Semiconductor SLG46127 Datasheet HTML 40Page - Dialog Semiconductor SLG46127 Datasheet HTML 41Page - Dialog Semiconductor SLG46127 Datasheet HTML 42Page - Dialog Semiconductor SLG46127 Datasheet HTML 43Page - Dialog Semiconductor SLG46127 Datasheet HTML 44Page - Dialog Semiconductor SLG46127 Datasheet HTML 45Page - Dialog Semiconductor SLG46127 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
000-0046127-101
Page 41 of 87
SLG46127
Each of the ACMP cells has a negative input signal that is either created from an internal VREF or provided by the external
reference/source. Internal Vref accuracy is optimized near 1000 mV selection.
Note: Power supply control options have influence on the ACMP operation.
Note: Any ACMP powered on enables the BandGap internal circuit as well. An analog voltage will appear on Vref (even when the
Force BandGap option is set as Disabled).
Analog comparators have the following configurable options:
Hysteresis: Input signal hysteresis options are Disable, 25 mV, 50 mV, 200 mV.
Low Bandwidth: Enable, Disable;
IN+ Gain: 1X, 0.5X, 0.33X, 0.25X;
IN+ source:
• ACMP0 IN+ options are PIN 14, VDD;
• ACMP1 IN+ options are PIN 2, ACMP0 IN+;
•IN- source:
• ACMP0 IN- options are 24 internal reference sources (50 mV – 1200 mV) and VDD/3, VDD/4, PIN 1;
• PWR UP=0 – ACMP is powered down; PWR UP=1 – ACMP is powered up.
• All ACMPs can have a common negative input. This can be achieved by configuring ACMP0 PIN 1 analog I/O connection.
11.1 ACMP0 Block Diagram
Figure 17. ACMP0 Block Diagram
11010
11001-
00000
Internal
Vref
PIN 1: ACMP0(-)
10
01
PIN 14: ACMP0(+)
External VDD 1.71 V ~ 5.5 V
Selectable
Gain
reg <364:363>
to ACMP1 MUX input
Vref
+
-
From Connection
Matrix Output <12>
pdb
LBW
Selection
reg <365>
Hysteresis
Selection
reg <362:361>
L/S
ON after
100
s Delay
To Connection
Matrix Input<19>
reg <360:356>
*PIN 14_aio_en; reg <366>
OFF after
1
s Delay
*PIN 14_aio_en:
if reg <385:383> = ’011’ then 1, otherwise: 0


同様の部品番号 - SLG46127

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

同様の説明 - SLG46127

メーカー部品番号データシート部品情報
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com