データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE7049-1 データシート(PDF) 3 Page - Pasternack Enterprises, Inc.

部品番号 PE7049-1
部品情報  1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7049-1 データシート(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7049-1_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7049-1_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7049-1_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
1 dB Fixed Attenuator, BNC Male to BNC Female Brass
Nickel Body Rated to 2 Watts Up to 4 GHz
PE7049-1
CAD Drawing
PE7049-1 REV 1.1


同様の部品番号 - PE7049-1_16

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE7049-10 PASTERNACK-PE7049-10 Datasheet
216Kb / 3P
   10 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-10 PASTERNACK-PE7049-10 Datasheet
226Kb / 3P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-10 PASTERNACK-PE7049-10_16 Datasheet
226Kb / 3P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results

同様の説明 - PE7049-1_16

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE7000-1 PASTERNACK-PE7000-1_16 Datasheet
263Kb / 5P
   1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-2 PASTERNACK-PE7000-2_16 Datasheet
264Kb / 5P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-3 PASTERNACK-PE7049-3_16 Datasheet
226Kb / 3P
   3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-10 PASTERNACK-PE7049-10_16 Datasheet
226Kb / 3P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-30 PASTERNACK-PE7049-30_16 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-6 PASTERNACK-PE7049-6_16 Datasheet
226Kb / 3P
   6 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-2 PASTERNACK-PE7049-2_16 Datasheet
226Kb / 3P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10_16 Datasheet
265Kb / 5P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-20 PASTERNACK-PE7049-20_16 Datasheet
226Kb / 3P
   20 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-3 PASTERNACK-PE7000-3_16 Datasheet
264Kb / 5P
   3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com