データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46200 データシート(PDF) 32 Page - Dialog Semiconductor

部品番号 SLG46200
部品情報  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 データシート(HTML) 32 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 28Page - Dialog Semiconductor SLG46200 Datasheet HTML 29Page - Dialog Semiconductor SLG46200 Datasheet HTML 30Page - Dialog Semiconductor SLG46200 Datasheet HTML 31Page - Dialog Semiconductor SLG46200 Datasheet HTML 32Page - Dialog Semiconductor SLG46200 Datasheet HTML 33Page - Dialog Semiconductor SLG46200 Datasheet HTML 34Page - Dialog Semiconductor SLG46200 Datasheet HTML 35Page - Dialog Semiconductor SLG46200 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
000-0046200-124
Page 27 of 64
SLG46200
12.0 Analog Comparator (ACMP)
There are two Analog Comparator (ACMP) macro cells in the SLG46200. In order for the ACMP cells to be used in a GreenPAK
design the power up signals (PWR UP) need to be active.
Each of the two ACMP cells have positive and negative input signals that are either created from an internal VREF or provided by
way of the external sources.
The two analog comparators (ACMP0 and ACMP1) must have the same power state (on or off). The Power Up input is set to
high to turn on the analog comparators, and the comparators are turned off when the Power Up input is low. When the analog
comparators are turned off, they both have an output that is logic high. Also note that the ACMP output is unpredictable for 100
μs after power on (except after POR).
12.1 ACMP0 Input Modes
ACMP0’s positive input (IN+) can be enabled from PIN 4 or ADC/PGA out by the ACMP0_PGA_en signal, reg<357>. The negative
input (IN-) of the ACMP0 cell can come from the internal VREF macro cell (which will generate a 50mV to 1.5V signal) or from an
external voltage source that is placed on PIN 8. Selection is made using a 4-bit value from NVM, reg<361:358>.
12.2 ACMP0 Functional Diagram
12.3 ACMP1 Input Modes
ACMP1’s positive input (IN+) comes from PIN 7 with selection gain of 1X or 0.5X (two 50k
Ω resistor divider). The
ACMP1_0.5gain_en signal (reg<345>) is used as a control signal into a mux which has the 1X and 0.5X signals as inputs.
The negative input (IN-) of the ACMP1 cell can come from the internal VREF macro cell (which will generate a 50mV to 1.5V
signal) or from an external voltage source that is placed on PIN 8. Selection is made using a 4-bit value from NVM, reg<366:363>.
Figure 15. ACMP0 Functional Diagram
0.05V
1.5V
ACMP0
reg <361:358>
1
0
PIN 4
reg <369>
reg <357>
IN-
IN+
PWR UP
0.1V
PIN 8
0000
1111
0001
1110
1.3V
1101
reg <347>
To Connection Matrix input <17>
From Connection Matrix output <5>
reg <346>
From ADC PGA
OUT


同様の部品番号 - SLG46200

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

同様の説明 - SLG46200

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com