データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46400 データシート(PDF) 60 Page - Dialog Semiconductor

部品番号 SLG46400
部品情報  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 データシート(HTML) 60 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 56Page - Dialog Semiconductor SLG46400 Datasheet HTML 57Page - Dialog Semiconductor SLG46400 Datasheet HTML 58Page - Dialog Semiconductor SLG46400 Datasheet HTML 59Page - Dialog Semiconductor SLG46400 Datasheet HTML 60Page - Dialog Semiconductor SLG46400 Datasheet HTML 61Page - Dialog Semiconductor SLG46400 Datasheet HTML 62Page - Dialog Semiconductor SLG46400 Datasheet HTML 63Page - Dialog Semiconductor SLG46400 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
000-0046400-109
Page 54 of 89
SLG46400
16.5 RC OSC Frequency Selection
16.6 RC OSC Register Settings
Table 24. RC OSC Typical Frequency Selection
reg <586:583>
VDD = 1.8V
VDD = 3.3V
VDD = 5.0V
Min
(kHz)
Typ
(kHz)
Max
(kHz)
Min
(kHz)
Typ
(kHz)
Max
(kHz)
Min
(kHz)
Typ
(kHz)
Max
(kHz)
0000
25.72
28.77
31.83
25.47
28.49
31.52
25.84
28.73
31.63
0001
50.19
55.71
61.22
49.32
54.75
60.19
49.90
55.14
60.38
0010
72.12
79.92
87.73
70.30
78.06
85.82
71.08
78.55
86.02
0011
111.24
124.85
138.46
106.95
120.57
13.20
107.76
120.89
134.01
0100
129.01
142.81
156.61
126.81
140.46
154.11
128.28
141.46
154.64
0101
191.74
213.47
235.21
187.08
209.01
230.94
189.17
209.85
230.53
0110
204.31
228.1
251.89
199.13
223.17
247.21
201.40
223.92
246.45
0111
278.36
316.49
354.63
269.60
308.17
346.74
273.93
309.07
344.21
1000
422.46
481.35
540.23
425.66
486.70
547.74
432.35
493.01
553.67
1001
523.27
596.94
670.60
527.09
60.85
684.60
539.47
616.26
693.05
1010
571.54
654.32
737.10
576.15
665.78
755.41
591.66
678.24
764.81
1011
652.33
749.54
846.74
659.18
766.24
873.30
678.30
781.37
884.43
1100
1942.36
2205.05
2467.74
1980.05
2250.95
2521.85
2032.54
2296.34
2560.14
1101
2515.21
2866.21
3217.21
2567.59
2932.52
3297.44
2636.11
2990.74
3345.38
1110
592.77
6478.03
7363.28
5721.18
6708.73
7696.28
5837.26
6836.42
7835.58
1111
6866.55
8016.51
9166.46
7015.74
8337.72
9659.71
7149.45
8484.86
9820.27
Table 25. RC OSC Register Settings
Signal Name
Signal Function
Register Bit
Address
Register Definition
RCO_force
Force Oscillator Power
On
<582>
0: Auto Power On (Power on as needed)
1: Force Power On (Power always on)
RCO_fs
Oscillator Frequency
Control
<586:583>
See Frequency Selection Table
RCO_clk_sel
External Clock Source
Select
<587>
0: Internal RC OSC Clock
1: External Clock
RCO_ring_en
Ring Oscilator Enable
<670>
0: Disable
1: Enable (ADC/PWM/DCMP/Clock/4, Clock/8, and
Clock/12 clock source is selected from the ring oscillator)
ADC_PWM_OSC_p
d_src_sel
ADC/PWM/OSC power
down source select
<815:814>
00: ADC pd from matrix out <3>, PWM pd from register
01: PWM pd from matrix out <3>, ADC pd from register
10: ADC & PWM pd from matrix out <3>
11: OSC pd from matrix out <3>, ADC & PWM pd from
register
RCO_div_ctrl
Oscillator Dividers
Control
<816>
0:Oscillator Dividers Enabled
1: Oscillator Dividers Diasbled


同様の部品番号 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

同様の説明 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com