データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46400 データシート(PDF) 82 Page - Dialog Semiconductor

部品番号 SLG46400
部品情報  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 データシート(HTML) 82 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 78Page - Dialog Semiconductor SLG46400 Datasheet HTML 79Page - Dialog Semiconductor SLG46400 Datasheet HTML 80Page - Dialog Semiconductor SLG46400 Datasheet HTML 81Page - Dialog Semiconductor SLG46400 Datasheet HTML 82Page - Dialog Semiconductor SLG46400 Datasheet HTML 83Page - Dialog Semiconductor SLG46400 Datasheet HTML 84Page - Dialog Semiconductor SLG46400 Datasheet HTML 85Page - Dialog Semiconductor SLG46400 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
000-0046400-109
Page 76 of 89
SLG46400
reg<529:514>
LUT4 data
reg<530>
DFF0 or Latch select
0: DFF function
1: Latch function
reg<531>
DFF0 nRST/nSET select
0: nRST from matrix out1
1: nSET from matrix out1
reg<532>
DFF1 or Latch select
0: DFF function
1: Latch function
reg<533>
DFF1 nRST/nSET select
0: nRST from matrix out18
1: nSET from matrix out18
reg<534>
DFF2 or Latch select
0: DFF function
1: Latch function
reg<535>
DFF3 or Latch select
0: DFF function
1: Latch function
reg<537:536>
Delay value select
00: 20ns
01: 40ns
10: 60ns
11: 80ns
reg<538>
Reserved
reg<540:539>
PIN8 initial state control
00: floating
01: ground
10: power
11: input
reg<543:541>
PIN8 mode control
000: digital in mode with Schmitt trigger
001: digital in mode without Schmitt trigger
010: low voltage digital in mode without Schmitt trigger
011: analog IO mode
100: push pull current x2
101: open drain mode
110: analog IO & open drain mode
111: push pull mode
reg<545:544>
PIN8 pull up/down resistor value selection
00: Floating
01: 50K
10: 100K
11: 300K
reg<546>
PIN8 pull up/down resistor
0: pull down resistor
1: pull up resistor
reg<547>
PIN8 push pull output Enable
0: Disable
1: Enable
reg<549:548>
PIN9 Initial State Control
00: floating
01: ground
10: power
11: input
Bit Address
Register Definition


同様の部品番号 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

同様の説明 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com