データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46400 データシート(PDF) 89 Page - Dialog Semiconductor

部品番号 SLG46400
部品情報  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 データシート(HTML) 89 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 85Page - Dialog Semiconductor SLG46400 Datasheet HTML 86Page - Dialog Semiconductor SLG46400 Datasheet HTML 87Page - Dialog Semiconductor SLG46400 Datasheet HTML 88Page - Dialog Semiconductor SLG46400 Datasheet HTML 89Page - Dialog Semiconductor SLG46400 Datasheet HTML 90Page - Dialog Semiconductor SLG46400 Datasheet HTML 91Page - Dialog Semiconductor SLG46400 Datasheet HTML 92Page - Dialog Semiconductor SLG46400 Datasheet HTML 93Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
000-0046400-109
Page 83 of 89
SLG46400
reg<718:716>
ADC PGA Gain Control
000: Single-ended (0.5X gain) or differential (N/A)
001: Single-ended (1X gain) or differential (1x gain)
010: Single-ended (2X gain) or differential (2X gain)
011: Single-ended (4X gain) or differential (4X gain)
100: Single-ended (8X gain) or differential (8X gain)
101: Single-ended (N/A) or differential (16X gain)
reg<720:719>
ADC VREF source select (depends on reg <713>)
00: Bandgap voltage VBG (1V or 0.778)
01: 1x or 2x external voltage source
10: VDD* (0.25 or 0.5)
11: None
reg<721>
ACMP0 1uA input current option
0: Disable
1: Enable
reg<725:722>
ACMP0 IN- voltage select (when reg<736> = 0)
0000: 50mV
0001: 100mV 0010: 150mV 0011: 200mV
0100: 250mV 0101: 300mV 0110: 400mV 0111: 500mV
1000: 600mV 1001: 700mV 1010: 800mV 1011: 900mV
1100: 1100mV 1101: 1300mV 1110: 1500mV 1111: External (PIN 11)
reg<725:722>
ACMP0 IN- voltage select (when reg<736> = 1)
0000: 30mV
0001: 70mV 0010: 100mV 0011: 130mV
0100: 170mV 0101: 200mV 0110: 270mV 0111: 330mV
1000: 400mV 1001: 470mV 1010: 530mV 1011: 600mV
1100: 730mV 1101: 870mV 1110: 1000mV 1111: External (PIN 11)
reg<726>
ACMP1 1
μA input current option
0: Disable
1: Enable
reg<730:727>
ACMP1 IN- voltage select (when reg<736> = 0)
0000: 50mV
0001: 100mV 0010: 150mV 0011: 200mV
0100: 250mV 0101: 300mV 0110: 400mV 0111: 500mV
1000: 600mV 1001: 700mV 1010: 800mV 1011: 900mV
1100: 1100mV 1101: 1300mV 1110: 1500mV 1111: External (PIN 11)
reg<730:727>
ACMP1 IN- voltage select (when reg<736> = 1)
0000: 30mV
0001: 70mV 0010: 100mV 0011: 130mV
0100: 170mV 0101: 200mV 0110: 270mV 0111: 330mV
1000: 400mV 1001: 470mV 1010: 530mV 1011: 600mV
1100: 730mV 1101: 870mV 1110: 1000mV 1111: External (PIN 11)
reg<732:731>
ACMP0 hysteresis Enable
00: Disabled (0mV)
01: Enabled (12mV)
10: Enabled (50mV)
11: Enabled (150mV)
reg<734:733>
ACMP1 hysteresis Enable
00: Disabled (0mV)
01: Enabled (12mV)
10: Enabled (50mV)
11: Enabled (150mV)
reg<736>
ACMP VREF band select
0: 50mV to 1.5V range
1: 30mV to 1V range
reg<737>
ADC clock selection
0: Internal RC Oscillator
1: External clock from PIN 5
Bit Address
Register Definition


同様の部品番号 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

同様の説明 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com