データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46533 データシート(PDF) 28 Page - Dialog Semiconductor

部品番号 SLG46533
部品情報  GreenPAK Programmable Mixed-signal Matrix
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46533 データシート(HTML) 28 Page - Dialog Semiconductor

Back Button SLG46533 Datasheet HTML 24Page - Dialog Semiconductor SLG46533 Datasheet HTML 25Page - Dialog Semiconductor SLG46533 Datasheet HTML 26Page - Dialog Semiconductor SLG46533 Datasheet HTML 27Page - Dialog Semiconductor SLG46533 Datasheet HTML 28Page - Dialog Semiconductor SLG46533 Datasheet HTML 29Page - Dialog Semiconductor SLG46533 Datasheet HTML 30Page - Dialog Semiconductor SLG46533 Datasheet HTML 31Page - Dialog Semiconductor SLG46533 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 185 page
background image
SLG46533_DS_114
Page 27 of 184
SLG46533
6.0 Summary of Macrocell Function
6.1 I/O Pins
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
Open Drain Outputs (NMOS and PMOS)
Push Pull Outputs (1X and 2X)
Analog I/O
10 k
/100 k/1 Mpull-up/pull-down resistors
40 mA Open Drain 4X Drive output
6.2 Connection Matrix
Digital matrix for circuit connections based on user design
6.3 Analog Comparators (4 total)
Selectable hysteresis 0 mV / 25 mV / 50 mV / 200 mV
Wake and Sleep Control (Part of Combination Function Macrocell)
6.4 Voltage Reference
Used for references on Analog Comparators
Can also be driven to external pins
6.5 Combination Function Macrocells (26 total)
Three Selectable DFF/Latch or 2-bit LUTs
Twelve Selectable DFF/Latch or 3-bit LUTs
One Selectable Pipe Delay or 3-bit LUT
One Selectable Programmable Pattern Generator or 2-bit LUt
Five Selectable 8-bit CNT/DLYs or 3-bit LUTs
Two Selectable 16-bit CNT/DLYs or 4-bit LUTs
Two Deglitch Filters with Edge Detectors
6.6 Combinatinatorial Logic Macrocell
One 4-bit LUT
6.7 Serial Communications
•I2C Protocol compliant macrocell
• 8-bit register connected to the connection matrix
6.8 16x8 RAM Memory with defined NVM OTP initial state
6.9 Pipe Delay (Part of Combination Function Macrocell)
16 stage / 3 output
One single stage fixed output
Two 1 to 16 stage selectable outputs


同様の部品番号 - SLG46533

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46533 RENESAS-SLG46533 Datasheet
2Mb / 190P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results

同様の説明 - SLG46533

メーカー部品番号データシート部品情報
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com