データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APFA3010SURKCGKSYKC データシート(PDF) 6 Page - Kingbright Corporation

部品番号 APFA3010SURKCGKSYKC
部品情報  3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA3010SURKCGKSYKC データシート(HTML) 6 Page - Kingbright Corporation

  APFA3010SURKCGKSYKC Datasheet HTML 1Page - Kingbright Corporation APFA3010SURKCGKSYKC Datasheet HTML 2Page - Kingbright Corporation APFA3010SURKCGKSYKC Datasheet HTML 3Page - Kingbright Corporation APFA3010SURKCGKSYKC Datasheet HTML 4Page - Kingbright Corporation APFA3010SURKCGKSYKC Datasheet HTML 5Page - Kingbright Corporation APFA3010SURKCGKSYKC Datasheet HTML 6Page - Kingbright Corporation APFA3010SURKCGKSYKC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC NO: DSAI9517
REV NO: V.3A
DATE: JUL/19/2017
PAGE: 6 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1203004300
APFA3010SURKCGKSYKC
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Reel Dimension
Tape Dimensions
(Units : mm)


同様の部品番号 - APFA3010SURKCGKSYKC

メーカー部品番号データシート部品情報
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SURKCGKSYKC TO-GRACE-APFA3010SURKCGKSYKC Datasheet
976Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

同様の説明 - APFA3010SURKCGKSYKC

メーカー部品番号データシート部品情報
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SEKJ3ZGKQBKC TO-GRACE-APFA3010SEKJ3ZGKQBKC Datasheet
971Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APFA3011-AK13-F TO-GRACE-APFA3011-AK13-F Datasheet
1Mb / 5P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010QWF-D-GX TO-GRACE-APA3010QWF-D-GX Datasheet
741Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SECK-GX TO-GRACE-APA3010SECK-GX Datasheet
814Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010SYCK TO-GRACE-KPA-3010SYCK Datasheet
843Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APA3010EC-GX KINGBRIGHT-APA3010EC-GX Datasheet
277Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SURKCGKSYKC TO-GRACE-APFA3010SURKCGKSYKC Datasheet
976Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010EC-GX TO-GRACE-APA3010EC-GX Datasheet
782Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SGC-GX TO-GRACE-APA3010SGC-GX Datasheet
790Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SURCK-GX TO-GRACE-APA3010SURCK-GX Datasheet
817Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com