データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2005D1GQYR データシート(PDF) 6 Page - Texas Instruments

部品番号 TPA2005D1GQYR
部品情報  1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1GQYR データシート(HTML) 6 Page - Texas Instruments

Back Button TPA2005D1GQYR Datasheet HTML 2Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 3Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 4Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 5Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 6Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 7Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 8Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 9Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TPA2005D1
SLOS369B – JULY 2002 – REVISED DECEMBER 2002
www.ti.com
6
TYPICAL CHARACTERISTICS
Figure 1
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
PO – Output Power – W
EFFICIENCY
vs
OUTPUT POWER
VDD = 3.6
RL = 32 Ω, 33 µH
RL = 16 Ω, 33 µH
RL = 8 Ω, 33 µH
Class-AB,
RL = 8 Ω
Figure 2
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
VDD = 2.5 V,
RL= 8 Ω, 33 µH
VDD = 5 V,
RL = 8 Ω, 33 µH
Class-AB,
VDD = 5 V,
RL = 8 Ω
PO – Output Power – W
EFFICIENCY
vs
OUTPUT POWER
Figure 3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
POWER DISSIPATION
vs
OUTPUT POWER
PO – Output Power – W
Class-AB, VDD = 5 V, RL = 8 Ω
Class-AB,
VDD = 3.6 V,
RL = 8 Ω
VDD = 3.6 V,
RL = 8 Ω, 33 µH
VDD = 5 V,
RL = 8 Ω, 33 µH
Figure 4
0
50
100
150
200
250
0
0.1
0.2
0.3
0.4
0.5
0.6
RL = 8 Ω, 33 µH
VDD = 3.6 V
RL = 32 Ω, 33 µH
SUPPLY CURRENT
vs
OUTPUT POWER
PO – Output Power – W
Figure 5
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
SUPPLY CURRENT
vs
OUTPUT POWER
PO – Output Power – W
VDD = 2.5 V,
RL = 8 Ω, 33 µH
VDD = 3.6 V,
RL = 8 Ω, 33 µH
VDD = 5 V,
RL = 8 Ω, 33 µH
Figure 6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
No Load
RL = 8 Ω, 33 µH
Figure 7
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
Shutdown Voltage – V
SHUTDOWN CURRENT
vs
SHUTDOWN VOLTAGE
Figure 8
2.5
3
3.5
4
4.5
5
VDD – Supply Voltage – V
OUTPUT POWER
vs
SUPPLY VOLTAGE
RL = 8 Ω
f = 1 kHz
Gain = 2 V/V
THD+N = 1%
THD+N = 10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Figure 9
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
121620
28
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
32
24
f = 1 kHz
THD+N = 1%
Gain = 2 V/V
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V


同様の部品番号 - TPA2005D1GQYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2005D1GQYR TI-TPA2005D1GQYR Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2005D1GQYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com