データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68332 データシート(PDF) 9 Page - ATMEL Corporation

部品番号 TS68332
部品情報  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332 データシート(HTML) 9 Page - ATMEL Corporation

Back Button TS68332 Datasheet HTML 5Page - ATMEL Corporation TS68332 Datasheet HTML 6Page - ATMEL Corporation TS68332 Datasheet HTML 7Page - ATMEL Corporation TS68332 Datasheet HTML 8Page - ATMEL Corporation TS68332 Datasheet HTML 9Page - ATMEL Corporation TS68332 Datasheet HTML 10Page - ATMEL Corporation TS68332 Datasheet HTML 11Page - ATMEL Corporation TS68332 Datasheet HTML 12Page - ATMEL Corporation TS68332 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
9
TS68332
2118A–HIREL–03/02
Power Considerations
The average chip-junction temperature, T
J, in °C can be obtained from:
T
J = TA + (PD ⋅ θJA)
(1)
T
A = Ambient Temperature, °C
θ
JA = Package Thermal Resistance, Junction-to-Ambient, °C/W
P
D = PINT + PI/O
P
INT = ICC ⋅ VCC, Watts - Chip Internal Power
P
I/O = Power Dissipation on Input and Output Pins - User Determined
For most applications P
I/O < PINT and can be neglected.
An approximate relationship between P
D and TJ (if PI/O is neglected) is:
P
D = K ÷ (TJ + 273)
(2)
Solving equations (1) and (2) for K gives:
K = P
D ⋅ (TA + 273) + θJA ⋅ PD
2
(3)
where K is a constant pertaining to the particular part K can be determined from equa-
tion (3) by measuring P
D (at equilibrium) for a known TA. Using this value of K, the
values of P
D and TJ can be obtained by solving equations (1) and (2) iteratively for any
value of T
A.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
V
DD
Supply Voltage
-0.3
+7.0
V
V
I
Input Voltage
-0.3
+7.0
V
PDMAX
Max Power Dissipation
Low Power Operation
600
mW
Stand By Mode
500
mW
T
case
Operating Temperature
M Suffix
-55
+125
°C
V Suffix
-40
+85
°C
T
stg
Storage Temperature
-55
+150
°C
T
leads
Lead Temperature
Max 5 Sec. Soldering
+270
°C
Table 3. Thermal Characteristics (at 25°C)
Package
Symbol
Parameter
Value
Unit
PGA 132
θ
J-A
Thermal Resistance Ceramic Junction-to-ambient
TBD
°C/W
θ
J-C
Thermal Resistance Ceramic Junction-to-case
10
°C/W
CERQUAD 132
θ
J-A
Thermal Resistance Ceramic Junction-to-ambient
TBD
°C/W
θ
J-C
Thermal Resistance Ceramic Junction-to-case
10
°C/W


同様の部品番号 - TS68332

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZC ATMEL-TS68332DESC01ZC Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC02XA ATMEL-TS68332DESC02XA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

同様の説明 - TS68332

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com