データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68332MR16 データシート(PDF) 11 Page - ATMEL Corporation

部品番号 TS68332MR16
部品情報  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332MR16 データシート(HTML) 11 Page - ATMEL Corporation

Back Button TS68332MR16 Datasheet HTML 7Page - ATMEL Corporation TS68332MR16 Datasheet HTML 8Page - ATMEL Corporation TS68332MR16 Datasheet HTML 9Page - ATMEL Corporation TS68332MR16 Datasheet HTML 10Page - ATMEL Corporation TS68332MR16 Datasheet HTML 11Page - ATMEL Corporation TS68332MR16 Datasheet HTML 12Page - ATMEL Corporation TS68332MR16 Datasheet HTML 13Page - ATMEL Corporation TS68332MR16 Datasheet HTML 14Page - ATMEL Corporation TS68332MR16 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
TS68332
2118A–HIREL–03/02
Static Characteristics
Table 4. DC Characteristics. V
DD and VDDSYN = 5.0VDC ± 10% for 16.78 MHz and 5.0VDC ± 5% for 20.97 MHz; VSS = 0VDC;
T
C = -55°C to +125°C or -40°C to +85°C
Number
Symbol
Parameter
16.78 MHz
20.97 MHz
Unit
Min
Max
Min
Max
1V
IH
Input High Voltage
0.7 (V
DD)VDD+0.3
0.7(V
DD)VDD+0.3
V
2V
IL
Input Low Voltage
V
SS - 0.3
0.2(V
DD)VSS - 0.3
0.2(V
DD)V
3V
HYS
Input Hysteresis
(1)
0.5
-
0.5
-
V
4I
IN
Input Leakage Current
(2)
V
IN = VDD or VSS
Input-only pins
- 2.5
2.5
- 2.5
2.5
µA
5I
OZ
High Impedance (off-state)
Leakage Current
(2)
V
IN = VDD or VSS L
All input/output
and output pins
- 2.5
2.5
- 2.5
2.5
µA
6V
OH
CMOS Output High Voltage
(2)(3)
I
OH = -10.0 µA
Group 1, 2, 4
input/output and
all output pins and
all output pins
V
DD - 0.2
-
V
DD - 0.2
-
V
7V
OL
CMOS Output High Voltage
(2)
I
OH = -10.0 µA
Group 1, 2, 4
input/output and
all output pins
-0.2
-0.2
V
8VOH
Output High Voltage
(2)(3)
I
OH = -0.8 mA
Group 1, 2, 4
input/output and
all output pins
V
DD - 0.8
-
V
DD - 0.8
-
V
9V
OL
Output Low Voltage
(2)
I
OL = 1.6 mA
IOL = 5.3 mA
I
OL = 12 mA
Group 1 I/O pins
CLKOUT,
FREEZE/QUOT,
IPIPE
Group 2, 4 I/O
pins, CSBOOT,
BG/CS
Group 3
-
-
-
0.4
0.4
0.4
-
-
-
0.4
0.4
0.4
V
V
V
10
V
IHTSC
Three State Control Input High Voltage
1.6(V
DD)9.1
1.6(V
DD)9.1
V
11
IMSP
Data Bus Mode Select Pull-up
Current
(5)
VIN = VIL
V
IN = VIH
DATA [15:0]
DATA [15:0]
-
-15
-120
-
-
- 15
-120
-
µA
µA
12
I
DD
I
DD
SIDD
S
IDD
VDD supply current
(5)
RUN
(6)
RUN, TPU emulation mode
LPSTOP, 32.768 kHz crystal, VCO off (STSIM = 0)
LPSTOP (external clock input frequency = maximum
fsys)
-
-
-
-
124
134
350
5
-
-
-
-
140
150
350
5
mA
mA
µA
mA


同様の部品番号 - TS68332MR16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332MR16 ATMEL-TS68332MR16 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

同様の説明 - TS68332MR16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com