データシートサーチシステム |
|
UC1844L883B データシート(PDF) 4 Page - Texas Instruments |
|
|
UC1844L883B データシート(HTML) 4 Page - Texas Instruments |
4 / 3 page 4 PARAMETER TEST CONDITION UC1842/3/4/5 UC2842/3/4/5 UC3842/3/4/5 UNITS MIN TYP MAX MIN TYP MAX Output Section Output Low Level ISINK = 20mA 0.1 0.4 0.1 0.4 V ISINK = 200mA 1.5 2.2 1.5 2.2 V Output High Level ISOURCE = 20mA 13 13.5 13 13.5 V ISOURCE = 200mA 12 13.5 12 13.5 V Rise Time TJ = 25°C, CL = 1nF (Note 2) 50 150 50 150 ns Fall Time TJ = 25°C, CL = 1nF (Note 2) 50 150 50 150 ns Under-voltage Lockout Section Start Threshold X842/4 15 16 17 14.5 16 17.5 V X843/5 7.8 8.4 9.0 7.8 8.4 9.0 V Min. Operating Voltage After Turn On X842/4 9 10 11 8.5 10 11.5 V X843/5 7.0 7.6 8.2 7.0 7.6 8.2 V PWM Section Maximum Duty Cycle X842/3 95 97 100 95 97 100 % X844/5 46 48 50 47 48 50 % Minimum Duty Cycle 0 0 % Total Standby Current Start-Up Current 0.5 1 0.5 1 mA Operating Supply Current VPIN 2 =VPIN 3 = 0V 1117 1117 mA VCC Zener Voltage ICC = 25mA 30 34 30 34 V Note 2: These parameters, although guaranteed, are not 100% tested in production. Note 3: Parameter measured at trip point of latch with VPIN 2 =0 . Note 4: Gain defined as: A VPIN VPIN VPIN V =≤ ≤ ∆ ∆ 1 3 03 0 8 ;. . Note 5: Adjust VCC above the start threshold before setting at 15V. Note 6: Output frequency equals oscillator frequency for the UC1842 and UC1843. Output frequency is one half oscillator frequency for the UC1844 and UC1845. UC1842/3/4/5 UC2842/3/4/5 UC3842/3/4/5 ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for −55°C ≤ TA ≤ 125°C for the UC184X; −40°C ≤ TA ≤ 85°C for the UC284X; 0°C ≤ TA ≤ 70°C for the 384X; VCC = 15V (Note 5); RT = 10k; CT = 3.3nF, TA=TJ. ERROR AMP CONFIGURATION Error Amp can Source or Sink up to 0.5mA |
同様の部品番号 - UC1844L883B |
|
同様の説明 - UC1844L883B |