データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54646AP データシート(PDF) 2 Page - Mitsubishi Electric Semiconductor

部品番号 M54646AP
部品情報  2-PHASE STEPPER MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54646AP データシート(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54646AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54646AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54646AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54646AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54646AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54646AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54646AP
MITSUBISHI <CONTROL / DRIVER IC>
V
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C unless otherwise noted)
Symbol
Conditions
Unit
Parameter
VCC
Supply voltage
-0.3 – 7
VMM
VL
VR
IL
Pd
Topr
Tstg
Ratings
V
Output stage supply voltage
-0.3 – 45
V
Logic input voltage
V
Reference input voltage
-0.3 – 15
mA
Logic input current
-10
W
Power dissipation
1.92
°C
Operating temperature
°C
Storage temperature
-0.3 – 6
-20 – 85
-55 – 125
VC
IC
mA
Analog input current
-10
IO
mA
Output current
Measured with IC mounted on board
±1000
Analog input voltage
-0.3 – VCC
V
RECOMMENDED OPERATIONAL CONDITIONS (Ta = 25
°C unless otherwise noted)
V
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
VCC
Supply voltage
5
5.5
4.5
V
VMM
Output stage supply voltage
40
10
mA
IO
Output current
800
20
µs
tPLH
Logic input rise time
2
µs
tPHL
Logic input fall time
2
°C
TON
Thermal shutdown temperature
165
ELECTRICAL CHARACTERISTICS (VCC = 5V, Ta = 25
°C unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Test Conditions
Unit
Parameter
VIH
Logic input voltage
Comparator threshold voltage
VCC
20
450
100
3.5
2.0
35
430
1.6
30
2.0
-20
400
-0.4
25
Output cutoff current
VCC = 5V
“H”
“L”
VIL
ICH
ICO
IOFF
Comparator input current
VR = 5V
Total saturation voltage
Cutoff time
Turn-off delay
Power current
Logic input current
Vsat
tOFF
td
ICC
IIH
IIL
Sensing resistance is not included.
(IO = 500mA)
VMM = 10V, tON
≥ 5µs
dVK/dt
≥ 50mV/µs
VCC = 5V, 1 phase
VI = 2.4V
VI = 0.4V
“H”
“L”
0.8
0
25
20
V
µA
mA
µA
V
µs
µs
V
mA
µA
mA


同様の部品番号 - M54646AP

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
More results

同様の説明 - M54646AP

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com