データシートサーチシステム |
|
FM24C128 データシート(PDF) 4 Page - Fairchild Semiconductor |
|
FM24C128 データシート(HTML) 4 Page - Fairchild Semiconductor |
4 / 13 page 4 www.fairchildsemi.com FM24C128 Rev. B.1 Product Specifications Absolute Maximum Ratings Ambient Storage Temperature –65 °C to +150°C All Input or Output Voltages with Respect to Ground 6.5V to –0.3V Lead Temperature (Soldering, 10 seconds) +300 °C ESD Rating 2000V min. Operating Conditions Ambient Operating Temperature FM24C128 0 °C to +70°C FM24C128E -40 °C to +85°C FM24C128V -40 °C to +125°C Positive Power Supply FM24C128 4.5V to 5.5V FM24C128L 2.5V to 5.5V FM24C128LZ 2.5V to 5.5V Standard VCC (4.5V to 5.5V) DC Electrical Characteristics Symbol Parameter Test Conditions Limits Units Min Typ Max (Note 1) I CCA Active Power Supply Current f SCL = 400 KHz 0.5 1.0 mA f SCL = 100 KHz I SB Standby Current V IN = GND or VCC 10 50 µA I LI Input Leakage Current V IN = GND to VCC 0.1 1 µA I LO Output Leakage Current V OUT = GND to VCC 0.1 1 µA V IL Input Low Voltage –0.3 V CC x 0.3 V V IH Input High Voltage V CC x 0.7 V CC + 0.5 V V OL Output Low Voltage I OL = 2.1 mA 0.4 V Low VCC (2.5V to 5 .5V) DC Electrical Characteristics Symbol Parameter Test Conditions Limits Units Min Typ Max (Note 1) I CCA Active Power Supply Current f SCL = 400 KHz 0.5 1.0 mA f SCL = 100 KHz ISB Standby Current VIN = GND VCC = 2.5V - 4.5V (L) 1 10 µA (Note 3) or V CC V CC = 2.5V - 4.5V (LZ) 0.1 1 µA V CC = 4.5V - 5.5V 10 50 µA I LI Input Leakage Current V IN = GND to VCC 0.1 1 µA I LO Output Leakage Current V OUT = GND to VCC 0.1 1 µA V IL Input Low Voltage –0.3 V CC x 0.3 V V IH Input High Voltage V CC x 0.7 V CC + 0.5 V V OL Output Low Voltage I OL = 2.1 mA 0.4 V Capacitance T A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2) Symbol Test Conditions Max Units CI/O Input/Output Capacitance (SDA) VI/O = 0V 8 pF C IN Input Capacitance (A0, A1, A2, SCL) V IN = 0V 6 pF Note 1: Typical values are T A = 25°C and nominal supply voltage (5V). Note 2: This parameter is periodically sampled and not 100% tested. Note 3: The "L" and "LZ" versions can be operated in the 2.5V to 5.5V VCC range. However the ISB values for L and LZ are applicable only when VCC is in the 2.5V to 4.5V range. |
同様の部品番号 - FM24C128 |
|
同様の説明 - FM24C128 |