データシートサーチシステム |
|
FM24C128 データシート(PDF) 5 Page - Fairchild Semiconductor |
|
FM24C128 データシート(HTML) 5 Page - Fairchild Semiconductor |
5 / 13 page 5 www.fairchildsemi.com FM24C128 Rev. B.1 AC Test Conditions Input Pulse Levels V CC x 0.1 to VCC x 0.9 Input Rise and Fall Times 10 ns Input & Output Timing Levels V CC x 0.3 to VCC x 0.7 Output Load 1 TTL Gate and CL = 100 pF Bus Timing SCL SDA IN SDA OUT tF tLOW tHIGH tR tLOW tAA tDH tBUF tSU:STA tHD:DAT tHD:STA tSU:DAT tSU:STO 0.9VCC 0.1VCC 0.7VCC 0.3VCC Read and Write Cycle Limits (Standard and Low VCC Range 2.5V - 5.5V) Symbol Parameter 100 KHz 400 KHz Units Min Max Min Max fSCL SCL Clock Frequency 100 400 KHz T I Noise Suppression Time Constant at SCL, SDA Inputs (Minimum VIN 100 50 ns Pulse width) t AA SCL Low to SDA Data Out Valid 0.3 3.5 0.1 0.9 µs t BUF Time the Bus Must Be Free before 4.7 1.3 µs a New Transmission Can Start tHD:STA Start Condition Hold Time 4.0 0.6 µs t LOW Clock Low Period 4.7 1.5 µs tHIGH Clock High Period 4.0 0.6 µs t SU:STA Start Condition Setup Time 4.7 0.6 µs (for a Repeated Start Condition) t HD:DAT Data in Hold Time 0 0 ns tSU:DAT Data in Setup Time 250 120 ns t R SDA and SCL Rise Time 1 0.3 µs t F SDA and SCL Fall Time 300 300 ns t SU:STO Stop Condition Setup Time 4.7 0.6 µs t DH Data Out Hold Time 300 50 ns t WR Write Cycle Time 6 6 ms Note 4: The write cycle time (t WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle. During the write cycle, the FM24C128 bus interface circuits are disabled, SDA is allowed to remain high per the bus-level pull-up resistor, and the device does not respond to its slave address. Refer "Write Cycle Timing" diagram. AC Testing Input/Output Waveforms |
同様の部品番号 - FM24C128 |
|
同様の説明 - FM24C128 |