データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C128 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FM24C128
部品情報  128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C128 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FM24C128 Datasheet HTML 4Page - Fairchild Semiconductor FM24C128 Datasheet HTML 5Page - Fairchild Semiconductor FM24C128 Datasheet HTML 6Page - Fairchild Semiconductor FM24C128 Datasheet HTML 7Page - Fairchild Semiconductor FM24C128 Datasheet HTML 8Page - Fairchild Semiconductor FM24C128 Datasheet HTML 9Page - Fairchild Semiconductor FM24C128 Datasheet HTML 10Page - Fairchild Semiconductor FM24C128 Datasheet HTML 11Page - Fairchild Semiconductor FM24C128 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
FM24C128 Rev. B.1
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the device.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out of the
device. It is an open drain output and may be wire–ORed with any
number of open drain or open collector outputs.
Write Protect (WP)
If tied to V
CC, PROGRAM operations onto the entire memory will
not be executed. READ operations are possible. If tied to V
SS,
normal operation is enabled, READ/WRITE over the entire memory
is possible.
This feature allows the user to assign the entire memory as ROM
which can be protected against accidental programming. When
write is disabled, slave address and word address will be acknowl-
edged but data will not be acknowledged.
This pin has an internal pull-down circuit. However, on systems
where write protection is not required it is recommended that this
pin is tied to V
SS.
Device Selection Inputs A2, A1 and A0 (as
appropriate)
These inputs collectively serve as “chip select” signal to an
EEPROM when multiple EEPROMs are present on the same IIC
bus. Hence these inputs should be connected to VCC or VSS in a
unique manner to allow proper selection of an EEPROM amongst
multiple EEPROMs. During a typical addressing sequence, every
EEPROM on the IIC bus compares the configuration of these
inputs to the respective 3 bit “Device/Page block selection”
information (part of slave address) to determine a valid selection.
For e.g. if the 3 bit “Device/Page block selection” is 1-0-1, then the
EEPROM whose “Device Selection inputs” (A2, A1 and A0) are
connected to V
CC-VSS-VCC respectively, is selected.
Device Operation
The FM24C128 supports a bi-directional bus oriented protocol.
The protocol defines any device that sends data onto the bus as
a transmitter and the receiving device as the receiver. The device
controlling the transfer is the master and the device that is
controlled is the slave. The master will always initiate data
transfers and provide the clock for both transmit and receive
operations. Therefore, the FM24C128 will be considered a slave
in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH are reserved for indicating
start and stop conditions. Refer
Figure 1.
Start Condition
All commands are preceded by the start condition, which is a
HIGH to LOW transition of SDA when SCL is HIGH. The FM24C128
continuously monitors the SDA and SCL lines for the start condi-
tion and will not respond to any command until this condition has
been met. Refer
Figure 2.
Stop Condition
All communications are terminated by a stop condition, which is a
LOW to HIGH transition of SDA when SCL is HIGH. The stop
condition is also used by the FM24C128 to place the device in the
standby power mode. Refer
Figure 2.
FM24C128 Array Addressing
During Read/Write operations, addressing the EEPROM memory
array involves in providing 2 address bytes, “Word Address 1” and
“Word Address 0." However on FM24C128 only the 6 least
significant bits (LSB) of “Word Address 1” byte are used in
decoding the access location. The remaining 2 bits are not used
and are recommended to be set to “0." All 8 bits of the “Word
Address 0” byte are used in decoding the access location.


同様の部品番号 - FM24C128

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16 FAIRCHILD-FM24C16 Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16 FAIRCHILD-FM24C16 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16 FAIRCHILD-FM24C16 Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
More results

同様の説明 - FM24C128

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com